Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESD8D5.0CAT5G Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LESD8D5.0CAT5G
Description  These are Pb−Free Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LESD8D5.0CAT5G Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LESD8D5.0CAT5G Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LESD8D5.0CAT5G Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LESD8D5.0CAT5G Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LESD8D5.0CAT5G Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Discription
is designed to protect
voltage
sensitive components from ESD.
Excellent clamping capability, low leakage, and
fast response time
Because of its small size, it is suited for use in
cellular phones, MP3 players, digital cameras
and many other portable applications where
board space is at a premium.
Applications
Cellular phones
audio MP3 players
Digital cameras
Portable
applicationss mobile telephone
Features
Low Leakage
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human Body
Model
I EC61000
−4−2 Level 4 ESD Protection
These are Pb
−Free Devices
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000-4-2 (ESD)
±25
kV
Total Power Dissipation on FR-5 Board (Note 1)
@ TA=25℃
PD
200
mW
Junction and Storage Temperature Range
TJ,TSTG
-55 to 150
Lead
Solder
Temperature
– Maximum (10
Second Duration)
TL
260
Stresses exceeding Maximum Ratings may damage the device. Maximum Rating are stress ratings only.
Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to
stresses above the Recommended Operating Conditions may affect device reliability.
1. FR-5 = 1.0*0.75*0.62 in.
We declare that the material of product
compliance with RoHS requirements.
The
LESD8D5.0CA
discharge
Contact discharge
±20
kV
Air
,make these parts ideal for
ESD protection on designs where board space
is at a premium.
UMW
LESD8D5.0CA
R
·
·
·
·
·
·
·
·
·
www.umw-ic.com
1
友台半导体有限公司


Similar Part No. - LESD8D5.0CAT5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD8D5.0CAT5G LRC-LESD8D5.0CAT5G Datasheet
439Kb / 4P
   ESD PROTECTION DIODE
logo
Shanghai Leiditech Elec...
LESD8D5.0CAT5G LEIDITECH-LESD8D5.0CAT5G Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - LESD8D5.0CAT5G

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
BC489 ONSEMI-BC489_07 Datasheet
86Kb / 6P
   High Current Transistors NPN Silicon These are Pb?묯ree Devices
March, 2007 ??Rev. 3
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
NTMS5838NL ONSEMI-NTMS5838NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
April, 2011 ??Rev. 1
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
   These devices are particularly suitable for low voltage
logo
Elite Semiconductor Mem...
F25D64QA ESMT-F25D64QA_1 Datasheet
502Kb / 63P
   All Pb-free products are RoHS-Compliant
logo
Roithner LaserTechnik G...
385D30 ROITHNER-385D30 Datasheet
155Kb / 1P
   these products are sensitive
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com