Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LESD8D5.0CAT5G Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LESD8D5.0CAT5G
Description  These are Pb−Free Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LESD8D5.0CAT5G Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LESD8D5.0CAT5G Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LESD8D5.0CAT5G Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LESD8D5.0CAT5G Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LESD8D5.0CAT5G Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Fig3. Pulse Waveform
Fig1. ESD Clamping Voltage Screenshot
Positive 8 kV Contact per IEC61000-4-2
Fig2. ESD Clamping Voltage Screenshot
Negative 8 kV Contact per IEC61000-4-2
www.umw-ic.com
3
友台半导体有限公司
UMW
LESD8D5.0CA
R


Similar Part No. - LESD8D5.0CAT5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD8D5.0CAT5G LRC-LESD8D5.0CAT5G Datasheet
439Kb / 4P
   ESD PROTECTION DIODE
logo
Shanghai Leiditech Elec...
LESD8D5.0CAT5G LEIDITECH-LESD8D5.0CAT5G Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
More results

Similar Description - LESD8D5.0CAT5G

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
logo
ON Semiconductor
MMBD7000LT1G ONSEMI-MMBD7000LT1G_09 Datasheet
126Kb / 4P
   Dual Switching Diode These Devices are Pb?묯ree, Halogen Free/BFR Free and are RoHS
August, 2009 ??Rev. 5
BC489 ONSEMI-BC489_07 Datasheet
86Kb / 6P
   High Current Transistors NPN Silicon These are Pb?묯ree Devices
March, 2007 ??Rev. 3
NTMS5835NL ONSEMI-NTMS5835NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 12 A, 10 m These Devices are Pb?묯ree, Halogen Free/
April, 2011 ??Rev. 1
NTMS5838NL ONSEMI-NTMS5838NL Datasheet
115Kb / 6P
   Power MOSFET 40 V, 7.5 A, 25 m These Devices are Pb?묯ree, Halogen Free/BFR
April, 2011 ??Rev. 1
logo
Lowpower Semiconductor ...
LPM3400 POWER-LPM3400 Datasheet
283Kb / 7P
   These devices are particularly suitable for low voltage
logo
Elite Semiconductor Mem...
F25D64QA ESMT-F25D64QA_1 Datasheet
502Kb / 63P
   All Pb-free products are RoHS-Compliant
logo
Roithner LaserTechnik G...
385D30 ROITHNER-385D30 Datasheet
155Kb / 1P
   these products are sensitive
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
   These devices are particularly suited for low voltage applications in notebook computers,
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
   Pb-Free Reflow
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com