Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7665SACPAZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL7665SACPAZ
Description  CMOS Micropower Over/Under Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SACPAZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL7665SACPAZ Datasheet HTML 6Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 7Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 8Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 9Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 10Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 11Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 12Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 13Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN3182.8
April 5, 2006
Simple High/Low Temperature Alarm
Figure 16 illustrates a simple high/low temperature alarm
which uses the ICL7665S with an NPN transistor. The
voltage at the top of R1 is determined by the VBE of the
transistor and the position of R1’s wiper arm. This voltage
has a negative temperature coefficient. R1 is adjusted so
that VSET2 equals 1.3V when the NPN transistor’s
temperature reaches the temperature selected for the high
temperature alarm. When this occurs, OUT2 goes low. R2 is
adjusted so that VSET1 equals 1.3V when the NPN
transistor’s temperature reaches the temperature selected
for the low temperature alarm. When the temperature drops
below this limit, OUT1 goes low.
AC Power Fail and Brownout Detector
Figure 17 shows a circuit that detects AC undervoltage by
monitoring the secondary side of the transformer. The
capacitor, C1, is charged through R1 when OUT1 is OFF.
With a normal 100 VAC input to the transformer, OUT1 will
discharge C1 once every cycle, approximately every 16.7ms.
When the AC input voltage is reduced, OUT1 will stay OFF,
so that C1 does not discharge. When the voltage on C1
reaches 1.3V, OUT2 turns OFF and the power fail warning
goes high. The time constant, R1C1, is chosen such that it
takes longer than 16.7ms to charge C1 1.3V.
HYST1
VSET1
VSET2
HYST2
V+
OUT1
OUT2
5.86k
130k
BACKUP
BATTERY
7805
5V REGULATOR
UNREGULATED
DC INPUT
1M
22M
2.2M
1M
715k
1M
RESET OR
WRITE
ENABLE
POWER
FAIL
WARNING
470
µF
4700
µF
ICL7665S
FIGURE 15. POWER FAIL WARNING AND POWERUP/POWERDOWN RESET
ICL7665S


Similar Part No. - ICL7665SACPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665SACPA INTERSIL-ICL7665SACPA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
More results

Similar Description - ICL7665SACPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
   CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com