Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7665SACPAZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7665SACPAZ
Description  CMOS Micropower Over/Under Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SACPAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL7665SACPAZ Datasheet HTML 4Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 5Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 6Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 7Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 8Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 9Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 10Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 11Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN3182.8
April 5, 2006
Either detector may be used alone, as well as both together,
in any of the circuits shown here.
When VIN is very close to one of the trip voltage, normal
variations and noise may cause it to wander back and forth
across this level, leading to erratic output ON and OFF
conditions. The addition of hysteresis, making the trip points
slightly different for rising and falling inputs, will avoid this
condition.
Threshold Detector with Hysteresis
Figure 10A shows how to set up such hysteresis, while
Figure 10B shows how the hysteresis around each trip point
produces switching action at different points depending on
whether VIN is rising or falling (the arrows indicated direction
of change. The HYST outputs are basically switches which
short out R31 or R32 when VIN is above the respective trip
point. Thus if the input voltage rises from a low value, the trip
point will be controlled by R1N, R2N, and R3N, until the trip
point is reached. As this value is passed, the detector
changes state, R3N is shorted out, and the trip point
becomes controlled by only R1N and R2N, a lower value.
The input will then have to fall to this new point to restore the
initial comparator state, but as soon as this occurs, the trip
point will be raised again.
An alternative circuit for obtaining hysteresis is shown in
Figure 11. In this configuration, the HYST pins put the extra
resistor in parallel with the upper setting resistor. The values
of the resistors differ, but the action is essentially the same.
The governing equations are given in Table 1. These ignore
the effects of the resistance of the HYST outputs, but these
can normally be neglected if the resistor values are above
about 100k
Ω.
FIGURE 9A. CIRCUIT CONFIGURATION
FIGURE 9B. TRANSFER CHARACTERISTICS
FIGURE 9. SIMPLE THRESHOLD DETECTOR
OUT1
SET1
SET2
OUT2
V+
R21
RP2
VIN
RP1
R22
R11
R12
OFF
VOUT
ON
VTR2
VNOM
VTR1
DETECTOR 2
DETECTOR 1
FIGURE 10A. CIRCUIT CONFIGURATION
FIGURE 10B. TRANSFER CHARACTERISTICS
FIGURE 10. THRESHOLD DETECTOR WITH HYSTERESIS
HYST1
SET1
SET2
HYST2
V+
VIN
OUT1
OUT2
R31
R32
R12
R11
R21
R22
OVERVOLTAGE
OVERVOLTAGE
VL2 VU2
VL1 VU1
ON
OUT
OFF
VNOM
DETECTOR 2
DETECTOR 1
VIN
VTR2
VSET2
R12 R22
+
()
R12
----------------------------------
1.3
R12 R22
+
()
R12
---------------------------------- for detector 2
=
=
ICL7665S


Similar Part No. - ICL7665SACPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665SACPA INTERSIL-ICL7665SACPA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
More results

Similar Description - ICL7665SACPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
   CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com