Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7665SACPAZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7665SACPAZ
Description  CMOS Micropower Over/Under Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SACPAZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL7665SACPAZ Datasheet HTML 2Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 3Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 4Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 5Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 6Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 7Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 8Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 9Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN3182.8
April 5, 2006
Typical Performance Curves
FIGURE 1. OUT1 SATURATION VOLTAGE AS A FUNCTION
OF OUTPUT CURRENT
FIGURE 2. OUT2 SATURATION VOLTAGE AS A FUNCTION
OF OUTPUT CURRENT
FIGURE 3. HYST1 OUTPUT SATURATION VOLTAGE vs
HYST1 OUTPUT CURRENT
FIGURE 4. HYST2 OUTPUT SATURATION VOLTAGE vs
HYST2 OUTPUT CURRENT
FIGURE 5. SUPPLY CURRENT AS A FUNCTION OF AMBIENT
TEMPERATURE
FIGURE 6. SUPPLY CURRENT AS A FUNCTION OF SUPPLY
VOLTAGE
2.0
1.5
1.0
0.5
0
0
5
10
15
20
IOUTOUT1 (mA)
V+ = 2V
V+ = 5V
V+ = 15V
V+ = 9V
0
5
10
15
20
2.0
1.5
1.0
0.5
0
IOUTOUT2 (mA)
V+ = 2V
V+ = 5V
V+ = 9V
V+ = 15V
-20
-16
-12
-8
-4
0
0
-0.4
-0.8
-1.2
-1.6
-2.0
HYST1 OUTPUT CURRENT (mA)
V+ = 15V
V+ = 9V
V+ = 5V
V+ = 2V
TA = 25°C
-5.0
-4.0
-3.0
-2.0
-1.0
0
0
-1.0
-2.0
-3.0
-4.0
-5.0
HYST2 OUTPUT CURRENT (mA)
TA = 25°C
V+ = 15V
V+ = 9V
V+ = 5V
V+ = 2V
V+ = 2V
V+ = 15V
V+ = 9V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-25
0
+20
+40
+60
AMBIENT TEMPERATURE (°C)
0V
≤ VSET1, VSET2 ≤ V+
0V
≤ VSET1, VSET2 ≤ V+
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
2
4
6
8
1012
1416
SUPPLY VOLTAGE (V+)
TA = -20°C
TA = 25°C
TA = 70°C
ICL7665S


Similar Part No. - ICL7665SACPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665SACPA INTERSIL-ICL7665SACPA Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
More results

Similar Description - ICL7665SACPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
   CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
   CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
   CMOS Over Voltage Detector IC
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
   3V Under Voltage Detector
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
[Old version datasheet]   3V Under Voltage Detector
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
   Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
   Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
   Micropower Voltage Detector
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com