Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7665SACPAZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7665SACPAZ
Description  CMOS Micropower Over/Under Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SACPAZ Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7665SACPAZ Datasheet HTML 1Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 2Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 3Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 4Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 5Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 6Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 7Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 8Page - Intersil Corporation ICL7665SACPAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN3182.8
April 5, 2006
Output Leakage Currents of
OUT and HYST
IOLK
VSET = 0V or VSET ≥ 2V
-
10
200
nA
IHLK
-
-10
-100
nA
IOLK
V+ = 15V
-
-
2000
nA
IHLK
-
-
-500
nA
Output Saturation Voltages
VOUT1
VSET1 = 2V,
IOUT1 = 2mA
V+ = 2V
-
0.2
0.5
V
V+ = 5V
-
0.1
0.3
V
V+ = 15V
-
0.06
0.2
V
Output Saturation Voltages
VHYST1
VSET1 = 2V,
IHYST1 = -0.5mA
V+ = 2V
-
-0.15
-0.30
V
V+ = 5V
-
-0.05
-0.15
V
V+ = 15V
-
-0.02
-0.10
V
Output Saturation Voltages
VOUT2
VSET2 = 0V,
IOUT2 = 2mA
V+ = 2V
-
0.2
0.5
V
V+ = 5V
-
0.15
0.3
V
V+ = 15V
-
0.11
0.25
V
Output Saturation Voltages
VHYST2
VSET2 = 2V
V+ = 2V, IHYST2 = -0.2mA
-
-0.25
-0.8
V
V+ = 5V, IHYST2 = -0.5mA
-
-0.43
-1.0
V
V+ = 15V, IHYST2 = -0.5mA
-
-0.35
-0.8
V
VSET Input Leakage Current
ISET
GND
≤ VSET ≤ V+
-
0.01
10
nA
∆ Input for Complete Output
Change
∆VSET
ROUT = 4.7kΩ,
RHYST = 20kΩ,
VOUTLO = 1% V+,
VOUTHI = 99% V+
ICL7665S
-
1.0
-
mV
ICL7665SA
-
0.1
-
mV
Difference in Trip Voltages
VSET1 -
VSET2
ROUT, RHYST = 1mW
-
±5
±50
mV
Output/Hysteresis
Difference
ROUT, RHYST = 1mW
ICL7665S
-
±1-
mV
ICL7665SA
-
±0.1
-
mV
NOTES:
3. Derate above 25°C ambient temperature at 4mW/°C.
4. All significant improvements over the industry standard ICL7665 are highlighted.
Electrical Specifications
The specifications below are applicable to both the ICL7665S and ICL7665SA. V+ = 5V, TA = 25°C,
Test Circuit Figure 7. Unless Otherwise Specified
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICL7665S


Similar Part No. - ICL7665SACPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665SACPA INTERSIL-ICL7665SACPA Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
More results

Similar Description - ICL7665SACPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
CMOS Over Voltage Detector IC
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
3V Under Voltage Detector
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
3V Under Voltage Detector
logo
Microchip Technology
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
Micropower Voltage Detector
04/20/05
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
Micropower Voltage Detector
2005
MCP111T-240E MICROCHIP-MCP111T-240E Datasheet
296Kb / 26P
Micropower Voltage Detector
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com