Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-___FSN_ZN_Z-_ Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 12-___FSN_ZN_Z-_
Description  Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

12-___FSN_ZN_Z-_ Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  12-___FSN_ZN_Z-__80 Datasheet HTML 1Page - Huber+Suhner, Inc. 12-___FSN_ZN_Z-__80 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Fiber Optic Cable
Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU
12-.../FSN(ZN)Z-..80
Properties
• Metal free cable
• Excellent coiling
capability
• Easy stripping
• UV-protected, suitable for
outdoor use
• High flexibility
• Halogen free and non-
corrosive fire gases
• Improved crush
resistance
• Large temperature range
Jacket colour
Construction
Quantity: up to
12
Fiber
Type
coloured
Quantity
1 pcs
Strength member
Type
central
Quantity
12 pcs
Tube
Diameter
0.9 mm
Type
aramide yarn
Strain relief
Sweallability
Swellable
Tape
Quantity
0 pcs
Material
TPU
Outer jacket
Diameter
8mm
Environmental data
Standard
IEC 60794-1-2 F1
During installation
-46 °C ... 85°C
In service
-60 °C ... 85°C
Temperature
In storage
-60 °C ... 85°C
Mechanical data
Weight
approx. 53 g/m
Standard
IEC 60794-1-2 E1
During installation
4000 N
Tensile strength
In service
2000 N
Standard
IEC 60794-1-2 E11
Min. bending radius
During installation
120 mm
hubersuhner.com


Similar Part No. - 12-___FSN_ZN_Z-__80

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_YR-___130 HUBERSUHNER-12-___FSN_ZN_YR-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
More results

Similar Description - 12-___FSN_ZN_Z-__80

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
04-___FSN_ZN_Z-__ HUBERSUHNER-04-___FSN_ZN_Z-___56 Datasheet
176Kb / 2P
Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU
08-___FSN_ZN_Z-__ HUBERSUHNER-08-___FSN_ZN_Z-___68 Datasheet
195Kb / 2P
Mobile Field 8x0.9mm Tight Tube Ø 6.8mm TPU
S_02-___FSN_ZN_Z-__ HUBERSUHNER-S_02-___FSN_ZN_Z-___56 Datasheet
164Kb / 2P
Mobile Field 2x0.9mm Tight Tube Ø 5.6mm TPU
04-___FSN_ZN_Z-__ HUBERSUHNER-04-___FSN_ZN_Z-___55 Datasheet
178Kb / 3P
Mobile Field 4x0.9mm Tight Tube Ø 5.5mm TPU
S_02-___FSN_ZN_Z-__ HUBERSUHNER-S_02-___FSN_ZN_Z-___55 Datasheet
165Kb / 3P
Mobile Field 2x0.9mm Tight Tube Ø 5.5mm TPU
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
S_04-___FSN_ZN_U-__ HUBERSUHNER-S_04-___FSN_ZN_U-___56 Datasheet
179Kb / 3P
Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU-FR
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_YR-___130 HUBERSUHNER-12-___FSN_ZN_YR-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com