Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04-___FSN_ZN_Z-__ Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 04-___FSN_ZN_Z-__
Description  Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

04-___FSN_ZN_Z-__ Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  04-___FSN_ZN_Z-___56 Datasheet HTML 1Page - Huber+Suhner, Inc. 04-___FSN_ZN_Z-___56 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Fiber Optic Cable
Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU
04-.../FSN(ZN)Z-...56
Properties
• Metal free cable
• Excellent coiling
capability
• Easy stripping
• UV-protected, suitable for
outdoor use
• High flexibility
• Halogen free and non-
corrosive fire gases
• Improved crush
resistance
• Large temperature range
Jacket colour
Construction
Quantity: up to
4
Fiber
Type
coloured
Quantity
1 pcs
Strength member
Type
central
Quantity
4 pcs
Tube
Diameter
0.9 mm
Type
aramide yarn
Strain relief
Sweallability
Swellable
Tape
Quantity
0 pcs
Material
TPU
Outer jacket
Diameter
5.6mm
Environmental data
Standard
IEC 60794-1-2 F1
During installation
-46 °C ... 85°C
In service
-60 °C ... 85°C
Temperature
In storage
-60 °C ... 85°C
Mechanical data
Weight
approx. 26 g/m
Standard
IEC 60794-1-2 E1
During installation
4000 N
Tensile strength
In service
2000 N
Standard
IEC 60794-1-2 E11
Min. bending radius
During installation
90 mm
hubersuhner.com


Similar Part No. - 04-___FSN_ZN_Z-___56

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
04-___FSN_ZN_Z-__ HUBERSUHNER-04-___FSN_ZN_Z-___55 Datasheet
178Kb / 3P
Mobile Field 4x0.9mm Tight Tube Ø 5.5mm TPU
More results

Similar Description - 04-___FSN_ZN_Z-___56

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
04-___FSN_ZN_HU-__ HUBERSUHNER-04-___FSN_ZN_HU-___70 Datasheet
185Kb / 2P
3 Star 4x0.9mm Tight Tube Ø 7.0 mm TPU-FR
S_02-___FSN_ZN_Z-__ HUBERSUHNER-S_02-___FSN_ZN_Z-___55 Datasheet
165Kb / 3P
Mobile Field 2x0.9mm Tight Tube Ø 5.5mm TPU
S_02-___FSN_ZN_Z-__ HUBERSUHNER-S_02-___FSN_ZN_Z-___56 Datasheet
164Kb / 2P
Mobile Field 2x0.9mm Tight Tube Ø 5.6mm TPU
S_04-___FSN_ZN_H-__ HUBERSUHNER-S_04-___FSN_ZN_H-___50 Datasheet
205Kb / 2P
Riser 4x0.9mm Tight Tube LSFH Ø 5.0mm Fca
S_04-___FSN_ZN_H-___50_EN HUBERSUHNER-S_04-___FSN_ZN_H-___50_EN Datasheet
176Kb / 2P
Riser 4x0.9mm Tight Tube LSFH Ø 5.0mm
S_04-___FSN_ZN_U-__ HUBERSUHNER-S_04-___FSN_ZN_U-___56 Datasheet
179Kb / 3P
Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU-FR
04-___FSN_ZNG_H-__ HUBERSUHNER-04-___FSN_ZNG_H-___55 Datasheet
163Kb / 3P
Riser 4x0.9mm Tight Tube Glass-Armoured LSFH Ø 5.5mm
04-___FSN_ZN_Z-__ HUBERSUHNER-04-___FSN_ZN_Z-___55 Datasheet
178Kb / 3P
Mobile Field 4x0.9mm Tight Tube Ø 5.5mm TPU
08-___FSN_ZN_Z-__ HUBERSUHNER-08-___FSN_ZN_Z-___68 Datasheet
195Kb / 2P
Mobile Field 8x0.9mm Tight Tube Ø 6.8mm TPU
12-___FSN_ZN_Z-_ HUBERSUHNER-12-___FSN_ZN_Z-__80 Datasheet
219Kb / 2P
Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com