Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S_01-G50CH-___9OM2 Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # S_01-G50CH-___9OM2
Description  Semi Tight Tube Ø 0.9mm OM2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

S_01-G50CH-___9OM2 Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  S_01-G50CH-___9OM2 Datasheet HTML 1Page - Huber+Suhner, Inc. S_01-G50CH-___9OM2 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Fiber Optic Cable
Semi Tight Tube Ø 0.9mm OM2
01-G50/CH-...9 OM2
Properties
• Metal free indoor cable
• Tube can be stripped up
to 2m in one piece
• Tight bending radii
• High flexibility
• Halogen free and non-
corrosive fire gases
Jacket colour
Construction
Quantity: up to
1
Fiber
Type
uncoloured
Quantity
1 pcs
Tube options
Jelly-free
Tube
Diameter
0.9 mm
Outer jacket
Material
LSFH
Environmental data
Standard
IEC 60794-1-22 F12
During installation
-10 °C ... 50°C
In service
-25 °C ... 75°C
Temperature
In storage
-40 °C ... 75°C
Fire characteristics
Standard
IEC 60754-1
Condition
Jacket material
Characteristics
Degree of acidity
Standard
IEC 60754-2
Condition
Jacket material
Characteristics
Halogen acid gas
Shrinkage
Standard
IEC 60811-1-3
Temperature
70 °C
Value
0.9 %
Mechanical data
Weight
approx. 0.8 g/m
Standard
IEC 60794-1-2 E1
During installation
20 N
Tensile strength
In service
10 N
Min. bending radius
Standard
IEC 60794-1-2 E11
hubersuhner.com


Similar Part No. - S_01-G50CH-___9OM2

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM3
S_01-G50CH-___9OM4 HUBERSUHNER-S_01-G50CH-___9OM4 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM4
S_01-G50CH-___9OM5 HUBERSUHNER-S_01-G50CH-___9OM5 Datasheet
136Kb / 2P
Semi Tight Tube Ø 0.9mm OM5
More results

Similar Description - S_01-G50CH-___9OM2

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-E9A2CH-__ HUBERSUHNER-S_01-E9A2CH-___9 Datasheet
135Kb / 2P
Semi Tight Tube Ø 0.9mm G.657.A2
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-E9CH-__ HUBERSUHNER-S_01-E9CH-___9 Datasheet
130Kb / 2P
Semi Tight Tube Ø 0.9mm G.652.D/G.657.A1
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM3
S_01-G50CH-___9OM4 HUBERSUHNER-S_01-G50CH-___9OM4 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM4
S_01-G50CH-___9OM5 HUBERSUHNER-S_01-G50CH-___9OM5 Datasheet
136Kb / 2P
Semi Tight Tube Ø 0.9mm OM5
S_01-G62CH-__ HUBERSUHNER-S_01-G62CH-___9 Datasheet
136Kb / 2P
Semi Tight Tube Ø 0.9mm OM1
S_01-H200FJH-__ HUBERSUHNER-S_01-H200FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-___FH-__ HUBERSUHNER-S_01-___FH-___20 Datasheet
165Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com