Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S_01-G50CH-___9OM2 Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # S_01-G50CH-___9OM2
Description  Semi Tight Tube Ø 0.9mm OM2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

S_01-G50CH-___9OM2 Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  S_01-G50CH-___9OM2 Datasheet HTML 1Page - Huber+Suhner, Inc. S_01-G50CH-___9OM2 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Fiber Optic Cable
Semi Tight Tube Ø 0.9mm OM2
01-G50/CH-...9 OM2
Mechanical data
During installation
25 mm
In service
25 mm
Crush resistance
Standard
IEC 60794-1-2 E3
During installation
1000 N/dm
In service
500 N/dm
Impact resistance
Standard
IEC 60794-1-2 E4
Energy
0.74 J
Cycles
3
Kink resistance
Standard
IEC 60794-1-2 E10
Radius
5 mm
Torsion
Standard
IEC 60794-1-2 E7
Cycles
3
Length
1000 mm
Angle
360 °
Colours
Fiber
According to colour code
Tube
E9: YE, G50: OG, G62: BU, OM3: TQ, OM4: HV
Standard outer jacket colours
Red
Green
Yellow
Blue
White
Violet
Orange
Black
Grey
Ochre Brown
Heather violet
Turquoise
Type of fiber
Fiber type
Fiber standard
G50/125-OM2
according to IEC 60793-2-10 A1-OM2b + ITU-T G.651.1
Fiber colour code
1
2
3
4
5
6
7
8
9
10
11
12
H+S
Standard
Red
Green
Yellow
Blue
White
Violet
Orange
Black
Grey
Brown
Heather
violet
Turquoise
DIN
Red
Green
Blue
Yellow
White
Grey
Brown
Violet
Turquoise
Black
Orange
Heather
violet
TIA
Blue
Orange
Green
Brown
Grey
White
Red
Black
Yellow
Violet
Heather
violet
Turquoise
IEC
Blue
Yellow
Red
White
Green
Violet
Orange
Grey
Turquoise
Black
Brown
Heather
violet
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P7415 / Date of publication: 21.09.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - S_01-G50CH-___9OM2

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM3
S_01-G50CH-___9OM4 HUBERSUHNER-S_01-G50CH-___9OM4 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM4
S_01-G50CH-___9OM5 HUBERSUHNER-S_01-G50CH-___9OM5 Datasheet
136Kb / 2P
Semi Tight Tube Ø 0.9mm OM5
More results

Similar Description - S_01-G50CH-___9OM2

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-E9A2CH-__ HUBERSUHNER-S_01-E9A2CH-___9 Datasheet
135Kb / 2P
Semi Tight Tube Ø 0.9mm G.657.A2
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-E9CH-__ HUBERSUHNER-S_01-E9CH-___9 Datasheet
130Kb / 2P
Semi Tight Tube Ø 0.9mm G.652.D/G.657.A1
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM3
S_01-G50CH-___9OM4 HUBERSUHNER-S_01-G50CH-___9OM4 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM4
S_01-G50CH-___9OM5 HUBERSUHNER-S_01-G50CH-___9OM5 Datasheet
136Kb / 2P
Semi Tight Tube Ø 0.9mm OM5
S_01-G62CH-__ HUBERSUHNER-S_01-G62CH-___9 Datasheet
136Kb / 2P
Semi Tight Tube Ø 0.9mm OM1
S_01-H200FJH-__ HUBERSUHNER-S_01-H200FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-___FH-__ HUBERSUHNER-S_01-___FH-___20 Datasheet
165Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com