Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S_01-E9A___FJH-__ Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # S_01-E9A___FJH-__
Description  Simplex 0.9mm Tight Tube LSFH Ø 2.7mm Eca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

S_01-E9A___FJH-__ Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  S_01-E9A___FJH-___27 Datasheet HTML 1Page - Huber+Suhner, Inc. S_01-E9A___FJH-___27 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Fiber Optic Cable
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm Eca
01-E9A.../FJH-...27#E
Properties
• Metal free indoor cable
• Each fiber strain relieved
• Tube can be stripped up
to 30mm in one piece
• UV-protected, suitable for
outdoor use
• Tight bending radii
• Halogen free and non-
corrosive fire gases
Jacket colour
Construction
Quantity: up to
1
Fiber
Type
coloured
Quantity
1 pcs
Tube
Diameter
0.9 mm
Strain relief
Type
aramide yarn
Material
LSFH
Outer jacket
Diameter
2.7mm
Environmental data
Standard
EN 50575:2014+A1:2016
CPR class
Class
Eca
Standard
IEC 60794-1-2 F1
During installation
-10 °C ... 50°C
In service
-10°C
Temperature
In storage
-25 °C ... 70°C
Flame propagation
Standard
IEC 60332-1-2
Condition
On a vertical single cable
Fire characteristics
Standard
IEC 61034-2
Condition
Jacket material
Characteristics
Degree of acidity
Standard
IEC 60754-1
Condition
Jacket material
Characteristics
Halogen acid gas
Standard
IEC 60754-2
Condition
Jacket material
Characteristics
hubersuhner.com


Similar Part No. - S_01-E9A___FJH-___27

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-E9A2CH-__ HUBERSUHNER-S_01-E9A2CH-___9 Datasheet
135Kb / 2P
Semi Tight Tube Ø 0.9mm G.657.A2
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
More results

Similar Description - S_01-E9A___FJH-___27

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-H200FJH-__ HUBERSUHNER-S_01-H200FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-___CHJH-__ HUBERSUHNER-S_01-___CHJH-___20 Datasheet
165Kb / 2P
Simplex Semi Tight Tube LSFH Ø 2.0mm
S_01-___FH-__ HUBERSUHNER-S_01-___FH-___20 Datasheet
165Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___20 Datasheet
195Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm Dca
S_01-___FJU-_ HUBERSUHNER-S_01-___FJU-__27 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube TPU-FR Ø 2.7mm
S_01-___FJZ-__ HUBERSUHNER-S_01-___FJZ-___19 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube TPU Ø 1.9mm
S_01-___VH-__ HUBERSUHNER-S_01-___VH-___20 Datasheet
169Kb / 2P
Simplex 0.6mm Tight Tube LSFH Ø 2.0mm
S_01-___VJH-__ HUBERSUHNER-S_01-___VJH-___14 Datasheet
193Kb / 2P
Simplex 0.6mm Tight Tube LSFH Ø 1.4mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com