Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S_01-E9A___FJH-__ Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # S_01-E9A___FJH-__
Description  Simplex 0.9mm Tight Tube LSFH Ø 2.7mm Eca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

S_01-E9A___FJH-__ Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  S_01-E9A___FJH-___27 Datasheet HTML 1Page - Huber+Suhner, Inc. S_01-E9A___FJH-___27 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Fiber Optic Cable
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm Eca
01-E9A.../FJH-...27#E
Mechanical data
Weight
approx. 7 g/m
Standard
IEC 60794-1-2 E1
During installation
250 N
Tensile strength
In service
100 N
Standard
IEC 60794-1-2 E11
During installation
15 mm
Min. bending radius
In service
15 mm
Staple
Quantity
50 pcs
Crush resistance
Standard
IEC 60794-1-2 E3
During installation
6000 N/dm
In service
2000 N/dm
Kink resistance
Standard
IEC 60794-1-2 E10
Radius
5 mm
Colours
Fiber
E9A1: transparent
Tube
According to colour code
Standard outer jacket colours
White
Type of fiber
Fiber type
Fiber standard
E9/125 Ultra
according to IEC 60793-2-50 B-652.D + ITU-T G.652.D + ITU-T
G.657.A1
Fiber colour code
1
2
3
4
5
6
7
8
9
10
11
12
H+S
Standard
Red
Green
Yellow
Blue
White
Violet
Orange
Black
Grey
Brown
Heather
violet
Turquoise
DIN
Red
Green
Blue
Yellow
White
Grey
Brown
Violet
Turquoise
Black
Orange
Heather
violet
TIA
Blue
Orange
Green
Brown
Grey
White
Red
Black
Yellow
Violet
Heather
violet
Turquoise
IEC
Blue
Yellow
Red
White
Green
Violet
Orange
Grey
Turquoise
Black
Brown
Heather
violet
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P7395 / Date of publication: 21.09.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - S_01-E9A___FJH-___27

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-E9A2CH-__ HUBERSUHNER-S_01-E9A2CH-___9 Datasheet
135Kb / 2P
Semi Tight Tube Ø 0.9mm G.657.A2
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
More results

Similar Description - S_01-E9A___FJH-___27

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
S_01-E9A3FJH-__ HUBERSUHNER-S_01-E9A3FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-H200FJH-__ HUBERSUHNER-S_01-H200FJH-___27 Datasheet
163Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.7mm
S_01-___CHJH-__ HUBERSUHNER-S_01-___CHJH-___20 Datasheet
165Kb / 2P
Simplex Semi Tight Tube LSFH Ø 2.0mm
S_01-___FH-__ HUBERSUHNER-S_01-___FH-___20 Datasheet
165Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___17 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 1.7mm
S_01-___FJH-__ HUBERSUHNER-S_01-___FJH-___20 Datasheet
195Kb / 2P
Simplex 0.9mm Tight Tube LSFH Ø 2.0mm Dca
S_01-___FJU-_ HUBERSUHNER-S_01-___FJU-__27 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube TPU-FR Ø 2.7mm
S_01-___FJZ-__ HUBERSUHNER-S_01-___FJZ-___19 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube TPU Ø 1.9mm
S_01-___VH-__ HUBERSUHNER-S_01-___VH-___20 Datasheet
169Kb / 2P
Simplex 0.6mm Tight Tube LSFH Ø 2.0mm
S_01-___VJH-__ HUBERSUHNER-S_01-___VJH-___14 Datasheet
193Kb / 2P
Simplex 0.6mm Tight Tube LSFH Ø 1.4mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com