Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT75C277 Datasheet(PDF) 6 Page - Micon Design Technology Corporation

Part # MDT75C277
Description  OTP Encoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT75C277 Datasheet(HTML) 6 Page - Micon Design Technology Corporation

  MDT75C277 Datasheet HTML 1Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 2Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 3Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 4Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 5Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 6Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 7Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MDT75C277
OTP Encoder
6 of 6
2006/10/11 Ver. 1.5
This specification is subject to be changed without notice. Please visit our web site for the most updated
10. Application circuit ( Reference )
1
2
3
45
6
7
8
VDD
VSS
TXD
K3
K2
K1
K0
OSCR
ROSC
Vdd
Vss
Transmitter
Circuit
SW0
SW1
SW2
SW3
+
4.7u
0.1u
1MΩ
R1
(a). If encoder circuit has one switch only to control ON/OFF power & key data together,
then circuit must add R1 resister 1MΩ .
(b). To increase the stability of RC oscillator can add 100 pF capacitor at Rosc in parallel .
(c). To increase the stability of K3 ~ K0 key data can increase pull low resister 100K connect
key and Vss ,
K3 ~ K0 internal pull low resister is 450K (Vdd=9V),
information.
http://www.mdtic.com.tw


Similar Part No. - MDT75C277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT75C271 ETC1-MDT75C271 Datasheet
43Kb / 5P
The MDT75C271 is an OTP Encoder using CMOS technology.
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
OTP Encoder using CMOS technology.
MDT75C272P MDTIC-MDT75C272P Datasheet
47Kb / 5P
OTP Encoder using CMOS technology.
MDT75C272S MDTIC-MDT75C272S Datasheet
47Kb / 5P
OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
OTP Encoder using CMOS technology.
More results

Similar Description - MDT75C277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
OTP Encoder
logo
Silvan Chip Electronics...
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
OTP ENCODER
logo
Silvan Chip Electronics...
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
OTP Encoder
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
144Kb / 13P
OTP Encoder
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
logo
Micon Design Technology...
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
OTP Encoder
logo
Silvan Chip Electronics...
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
OTP Encoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com