Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT75C277 Datasheet(PDF) 4 Page - Micon Design Technology Corporation

Part # MDT75C277
Description  OTP Encoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT75C277 Datasheet(HTML) 4 Page - Micon Design Technology Corporation

  MDT75C277 Datasheet HTML 1Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 2Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 3Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 4Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 5Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 6Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 7Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MDT75C277
OTP Encoder
4 of 4
2006/10/11 Ver. 1.5
This specification is subject to be changed without notice. Please visit our web site for the most updated
9. External oscillator resistor selection table (Vdd=11V)
Rext (ohm)
Freq. (Hz)
Operating Current
1.2 M ( Max )
33.9 K
476
µA
1 M
36.9 K
482
µA
680 K
51.4 K
517
µA
620 K
55.0 K
520
µA
560 K
59.6 K
523
µA
510 K
64.7 K
525
µA
470 K
69.2 K
528
µA
430 K
73.2 K
532
µA
390 K
78.2 K
535
µA
360 K
82.3 K
539
µA
330 K
88.5 K
545
µA
300 K ( Min )
96.2 K
553
µA
information.
http://www.mdtic.com.tw


Similar Part No. - MDT75C277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT75C271 ETC1-MDT75C271 Datasheet
43Kb / 5P
   The MDT75C271 is an OTP Encoder using CMOS technology.
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C272P MDTIC-MDT75C272P Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C272S MDTIC-MDT75C272S Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
More results

Similar Description - MDT75C277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
   OTP Encoder
logo
Silvan Chip Electronics...
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
   OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
   OTP Encoder
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
   OTP ENCODER
logo
Silvan Chip Electronics...
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
   OTP Encoder
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
   OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
144Kb / 13P
   OTP Encoder
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
   OTP Encoder
logo
Micon Design Technology...
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
   OTP Encoder
logo
Silvan Chip Electronics...
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
   OTP Encoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com