Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT75C277 Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # MDT75C277
Description  OTP Encoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT75C277 Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  MDT75C277 Datasheet HTML 1Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 2Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 3Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 4Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 5Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 6Page - Micon Design Technology Corporation MDT75C277 Datasheet HTML 7Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MDT75C277
OTP Encoder
1 of 1
2006/10/11 Ver. 1.5
This specification is subject to be changed without notice. Please visit our web site for the most updated
1. General Description
The MDT75C277 is an OTP Encoder using CMOS technology. It has a maximum of 20 bits
addressing code providing up to one million codes. It can reduce any code collision and unauthorized
code scanning possibilities.
2. Features
CMOS technology.
Wide range of Operating Voltage : Vdd = 3.0V ~ 12V.
Up to 4 data pins.
Total 1048576 address codes.
Built-in RC oscillator with single external resistor.
Available in DIP and SOP package.
Automatically enter sleep mode if press button over 3 ~ 5 sec
3. Pin Assignment
MDT75C277P / 75C277S
8 pin DIP / SOP
OSCR 1
8
K3
Vdd 2
7
K2
Vss 3
6
K1
TXD 4
5
K0
4. Pin Function Description
Symbol
I/O
Function Description
OSCR
I
Connect a resistor to Vdd to adjust internal RC freq.
Vdd
Positive power supply 3.0V ~ 12 V.
Vss
Ground.
TXD
O
Data output pin.
K0
I
Data input with pull low Resistor.
K1
I
Data input with pull low Resistor.
K2
I
Data input with pull low Resistor.
K3
I
Data input with pull low Resistor.
information.
http://www.mdtic.com.tw


Similar Part No. - MDT75C277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT75C271 ETC1-MDT75C271 Datasheet
43Kb / 5P
   The MDT75C271 is an OTP Encoder using CMOS technology.
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C272P MDTIC-MDT75C272P Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C272S MDTIC-MDT75C272S Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
More results

Similar Description - MDT75C277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
   OTP Encoder
logo
Silvan Chip Electronics...
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
   OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
   OTP Encoder
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
   OTP ENCODER
logo
Silvan Chip Electronics...
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
   OTP Encoder
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
   OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
144Kb / 13P
   OTP Encoder
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
   OTP Encoder
logo
Micon Design Technology...
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
   OTP Encoder
logo
Silvan Chip Electronics...
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
   OTP Encoder
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com