Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-___FSN_ZN_YR-___130 Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 12-___FSN_ZN_YR-___130
Description  Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

12-___FSN_ZN_YR-___130 Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  12-___FSN_ZN_YR-___130 Datasheet HTML 1Page - Huber+Suhner, Inc. 12-___FSN_ZN_YR-___130 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
Fiber Optic Cable
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-.../FSN(ZN)YR-...130
Properties
• Metal free indoor and
outdoor cable
• Strain relieved with
aramide yarn
• Installation in harsh
industrial environment
• High abrasion and
soldering iron resistance
• Halogen free and non-
corrosive fire gases
• Flame and fire retardant
cable
• Double jacket cable
construction
Jacket colour
Construction
Quantity: up to
12
Fiber
Type
coloured
Quantity
1 pcs
Strength member
Type
central
Quantity
12 pcs
Tube
Diameter
0.9 mm
Type
aramide yarn
Strain relief
Sweallability
Swellable
Quantity
1 pcs
Type
Fiber bundle
Inner jacket
Diameter
10mm
Tape
Quantity
0 pcs
Material
RADOX
Outer jacket
Diameter
13mm
Environmental data
Standard
IEC 60794-1-22 F1
During installation
-10 °C ... 50°C
In service
-45 °C ... 85°C
Temperature
In storage
-45 °C ... 85°C
Flame propagation
Standard
IEC 60332-1-2
Condition
On a vertical single cable
hubersuhner.com


Similar Part No. - 12-___FSN_ZN_YR-___130

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
More results

Similar Description - 12-___FSN_ZN_YR-___130

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
S_01-G50CH-___9OM2 HUBERSUHNER-S_01-G50CH-___9OM2 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM2
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM3
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_Z-_ HUBERSUHNER-12-___FSN_ZN_Z-__80 Datasheet
219Kb / 2P
Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU
24-___W_ZN_HAR-__ HUBERSUHNER-24-___W_ZN_HAR-___82 Datasheet
169Kb / 3P
Loose Tube Steel-Armoured 1x2.8mm RADOX Ø 8.2mm
48-___BWSN_ZNG_HAH-___130 HUBERSUHNER-48-___BWSN_ZNG_HAH-___130 Datasheet
252Kb / 2P
Loose Tube Steel-Armoured 4x2.2mm LSFH Ø 13.0mm
96-___BWSN_ZNG_H-__130 HUBERSUHNER-96-___BWSN_ZNG_H-__130 Datasheet
268Kb / 2P
Loose Tube Glass-Armoured 8x2.2mm LSFH Ø 13.0mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com