Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-___FSN_ZN_YR-___130 Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # 12-___FSN_ZN_YR-___130
Description  Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

12-___FSN_ZN_YR-___130 Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  12-___FSN_ZN_YR-___130 Datasheet HTML 1Page - Huber+Suhner, Inc. 12-___FSN_ZN_YR-___130 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Fiber Optic Cable
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-.../FSN(ZN)YR-...130
Mechanical data
Weight
approx. 160 g/m
Standard
IEC 60794-1-21 E1
During installation
4000 N
Tensile strength
In service
2000 N
Standard
IEC 60794-1-21 E11
During installation
200 mm
Min. bending radius
In service
200 mm
Standard
IEC 60794-1-21 E6
Radius
100 mm
Weight
5 kg
Repeated bending
Cycles
10000
Crush resistance
Standard
IEC 60794-1-21 E3
During installation
20000 N/dm
In service
5000 N/dm
Impact resistance
Standard
IEC 60794-1-21 E4
Energy
4.41 J
Cycles
50
Torsion
Standard
IEC 60794-1-21 E7
Cycles
50000
Length
1500 mm
Angle
180 °
Flexing
Standard
IEC 60794-1-21 E8
Radius
120 mm
Weight
3.5 kg
Velocity
2 m/s
Cycles
25000
Colours
Fiber
E9: transparent
Tube
According to colour code
Standard outer jacket colours
Black
Type of fiber
Fiber type
Fiber standard
E9/125
according to IEC 60793-2-50 B-652.D + ITU-T G.652.D
G50/125-OM2
according to IEC 60793-2-10 A1-OM2b + ITU-T G.651.1
G50/125-OM3
according to IEC 60793-2-10 A1-OM3b
G50/125-OM4
according to IEC 60793-2-10 A1-OM4b
Fiber colour code
1
2
3
4
5
6
7
8
9
10
11
12
H+S
Standard
Red
Green
Yellow
Blue
White
Violet
Orange
Black
Grey
Brown
Heather
violet
Turquoise
DIN
Red
Green
Blue
Yellow
White
Grey
Brown
Violet
Turquoise
Black
Orange
Heather
violet
TIA
Blue
Orange
Green
Brown
Grey
White
Red
Black
Yellow
Violet
Heather
violet
Turquoise
IEC
Blue
Yellow
Red
White
Green
Violet
Orange
Grey
Turquoise
Black
Brown
Heather
violet
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P7314 / Date of publication: 21.09.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - 12-___FSN_ZN_YR-___130

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
More results

Similar Description - 12-___FSN_ZN_YR-___130

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
12-___FSN_ZN_H-___70D HUBERSUHNER-12-___FSN_ZN_H-___70D Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_H-__ HUBERSUHNER-12-___FSN_ZN_H-___70 Datasheet
249Kb / 2P
Riser 12x0.9mm Tight Tube LSFH Ø 7.0mm Dca
12-___FSN_ZN_Z-_ HUBERSUHNER-12-___FSN_ZN_Z-__80 Datasheet
219Kb / 2P
Mobile Field 12x0.9mm Tight Tube Ø 8.0mm TPU
24-___W_ZN_HAR-__ HUBERSUHNER-24-___W_ZN_HAR-___82 Datasheet
169Kb / 3P
Loose Tube Steel-Armoured 1x2.8mm RADOX Ø 8.2mm
48-___BWSN_ZNG_HAH-___130 HUBERSUHNER-48-___BWSN_ZNG_HAH-___130 Datasheet
252Kb / 2P
Loose Tube Steel-Armoured 4x2.2mm LSFH Ø 13.0mm
96-___BWSN_ZNG_H-__130 HUBERSUHNER-96-___BWSN_ZNG_H-__130 Datasheet
268Kb / 2P
Loose Tube Glass-Armoured 8x2.2mm LSFH Ø 13.0mm
S_01-G50CH-___9OM3 HUBERSUHNER-S_01-G50CH-___9OM3 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM3
S_01-G50CH-___9OM2 HUBERSUHNER-S_01-G50CH-___9OM2 Datasheet
137Kb / 2P
Semi Tight Tube Ø 0.9mm OM2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com