Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02-___FSN_ZN_HU-__ Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # 02-___FSN_ZN_HU-__
Description  3 Star 2x0.9mm Tight Tube Ø 7.0 mm TPU-FR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

02-___FSN_ZN_HU-__ Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  02-___FSN_ZN_HU-___70 Datasheet HTML 1Page - Huber+Suhner, Inc. 02-___FSN_ZN_HU-___70 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
DATA SHEET
Fiber Optic Cable
3 Star 2x0.9mm Tight Tube Ø 7.0 mm TPU-FR
02-.../FSN(ZN)HU-...70
Environmental data
Standard
UL 1666
Condition
On a vertical cable bundle
Mechanical data
Weight
approx. 48 g/m
Standard
IEC 60794-1-2 E1
During installation
2500 N
Tensile strength
In service
1000 N
Standard
IEC 60794-1-2 E11
During installation
40 mm
Min. bending radius
In service
40 mm
Crush resistance
Standard
IEC 60794-1-2 E3
During installation
8000 N/dm
In service
4000 N/dm
Colours
Fiber
E9, G50 and G62: transparent
Tube
According to colour code
Inner jacket
Black
Standard outer jacket colours
Black
Type of fiber
Fiber type
Fiber standard
G62,5/125-OM1
according to IEC 60793-2-10 A1-OM1
G50/125-OM2
according to IEC 60793-2-10 A1-OM2b + ITU-T G.651.1
Fiber colour code
1
2
3
4
5
6
7
8
9
10
11
12
H+S
Standard
Red
Green
Yellow
Blue
White
Violet
Orange
Black
Grey
Brown
Heather
violet
Turquoise
DIN
Red
Green
Blue
Yellow
White
Grey
Brown
Violet
Turquoise
Black
Orange
Heather
violet
TIA
Blue
Orange
Green
Brown
Grey
White
Red
Black
Yellow
Violet
Heather
violet
Turquoise
IEC
Blue
Yellow
Red
White
Green
Violet
Orange
Grey
Turquoise
Black
Brown
Heather
violet
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P7360 / Date of publication: 21.09.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - 02-___FSN_ZN_HU-___70

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
02-___FJH-A__ HUBERSUHNER-02-___FJH-A___27 Datasheet
234Kb / 2P
Duplex Fig. 0 2.7mm 0.9mm Tight Tube LSFH 3.5 x 6.2mm
02-___FJH-___ HUBERSUHNER-02-___FJH-____17 Datasheet
214Kb / 2P
Duplex Fig. 8 1.7mm 0.9mm Tight Tube LSFH 1.7 x 3.4mm
02-___FJH-____17F HUBERSUHNER-02-___FJH-____17F Datasheet
242Kb / 2P
Duplex Fig. 8 1.7mm 0.9mm Tight Tube LSFH 1.7 x 3.4mm Fca
More results

Similar Description - 02-___FSN_ZN_HU-___70

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
04-___FSN_ZN_HU-__ HUBERSUHNER-04-___FSN_ZN_HU-___70 Datasheet
185Kb / 2P
3 Star 4x0.9mm Tight Tube Ø 7.0 mm TPU-FR
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
S_01-___FJU-_ HUBERSUHNER-S_01-___FJU-__27 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube TPU-FR Ø 2.7mm
S_01-___FJZ-__ HUBERSUHNER-S_01-___FJZ-___19 Datasheet
166Kb / 2P
Simplex 0.9mm Tight Tube TPU Ø 1.9mm
S_02-__F_ZNG_H-___55_EN HUBERSUHNER-S_02-__F_ZNG_H-___55_EN Datasheet
289Kb / 2P
Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 5.5mm
S_02-__F_ZNG_H-___70_EN HUBERSUHNER-S_02-__F_ZNG_H-___70_EN Datasheet
287Kb / 2P
Riser 2x0.9mm Tight Tube Glass-Armoured LSFH Ø 7.0mm
S_02-___FSN_ZN_H-__ HUBERSUHNER-S_02-___FSN_ZN_H-___60 Datasheet
192Kb / 2P
Riser 2x0.9mm Tight Tube LSFH Ø 6.0mm Dca
S_02-___FSN_ZN_Z-__ HUBERSUHNER-S_02-___FSN_ZN_Z-___55 Datasheet
165Kb / 3P
Mobile Field 2x0.9mm Tight Tube Ø 5.5mm TPU
S_02-___FSN_ZN_Z-__ HUBERSUHNER-S_02-___FSN_ZN_Z-___56 Datasheet
164Kb / 2P
Mobile Field 2x0.9mm Tight Tube Ø 5.6mm TPU
S_04-___FSN_ZN_U-__ HUBERSUHNER-S_04-___FSN_ZN_U-___56 Datasheet
179Kb / 3P
Mobile Field 4x0.9mm Tight Tube Ø 5.6mm TPU-FR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com