Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ48N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IRFZ48N
Description  N-channel enhancement mode TrenchMOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRFZ48N Datasheet(HTML) 1 Page - NXP Semiconductors

  IRFZ48N Datasheet HTML 1Page - NXP Semiconductors IRFZ48N Datasheet HTML 2Page - NXP Semiconductors IRFZ48N Datasheet HTML 3Page - NXP Semiconductors IRFZ48N Datasheet HTML 4Page - NXP Semiconductors IRFZ48N Datasheet HTML 5Page - NXP Semiconductors IRFZ48N Datasheet HTML 6Page - NXP Semiconductors IRFZ48N Datasheet HTML 7Page - NXP Semiconductors IRFZ48N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
N-channel enhancement mode
IRFZ48N
TrenchMOS
TM transistor
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel
enhancement
mode
SYMBOL
PARAMETER
MAX.
UNIT
standard level field-effect power
transistor in a plastic envelope using
V
DS
Drain-source voltage
55
V
’trench’ technology. The device
I
D
Drain current (DC)
64
A
features very low on-state resistance
P
tot
Total power dissipation
140
W
and has integral zener diodes giving
T
j
Junction temperature
175
˚C
ESD protection up to 2kV. It is
R
DS(ON)
Drain-source on-state
16
m
intended for use in switched mode
resistance
V
GS = 10 V
power supplies and general purpose
switching applications.
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
55
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-55
V
±V
GS
Gate-source voltage
-
-
20
V
I
D
Drain current (DC)
T
mb = 25 ˚C
-
64
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
45
A
I
DM
Drain current (pulse peak value)
T
mb = 25 ˚C
-
210
A
P
tot
Total power dissipation
T
mb = 25 ˚C
-
140
W
T
stg, Tj
Storage & operating temperature
-
- 55
175
˚C
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model
-
2
kV
voltage, all pins
(100 pF, 1.5 k
Ω)
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
1.1
K/W
mounting base
R
th j-a
Thermal resistance junction to
in free air
60
-
K/W
ambient
d
g
s
12 3
tab
February 1999
1
Rev 1.000


Similar Part No. - IRFZ48N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ48N IRF-IRFZ48N Datasheet
102Kb / 8P
HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRFZ48N ISC-IRFZ48N Datasheet
121Kb / 2P
isc N-Channel MOSFET Transistor
logo
Kersemi Electronic Co.,...
IRFZ48N KERSEMI-IRFZ48N Datasheet
856Kb / 2P
Fast Switching
logo
List of Unclassifed Man...
IRFZ48N ETC2-IRFZ48N Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
EVER SEMICONDUCTOR CO.,...
IRFZ48N EVVOSEMI-IRFZ48N Datasheet
443Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Rev:2023A2
More results

Similar Description - IRFZ48N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44NS PHILIPS-IRFZ44NS Datasheet
70Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
logo
Seme LAB
2N6798 SEME-LAB-2N6798 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
2N7085 SEME-LAB-2N7085 Datasheet
16Kb / 2P
N-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com