Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB97CFDC2-01 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 5Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 6Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 7Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 8Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 9Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 10Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 11Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 12Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 9
Rev. 02-27-07
DATASHEET
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
USB INTERFACE
59
61
USB Bus
Data
USB-
USB+
IO-U
These pins connect to the USB data signals
through 33 ohm series resistors. The USB+ line
should be pulled up with a 5%, 1.5K ohm resistor
to indicate that this is a high speed USB device.
58
USB
Transceiver
Supply
AVDD
This is the 3.3V supply to the internal USB
transceiver.
62
USB
Transceiver
Ground
AGND
This is the supply ground for the internal USB
transceiver.
PROGRAM MEMORY INTERFACE
38-35
Program
Memory Data
Bus/Option
Select
FD[3:0]/
OPT[3:0]
IO8
These signals are used to transfer data between
the internal 8051 and the external program
memory when operating in external program
memory mode (See ROMEN pin). When operating
from internal program memory, the OPT3 pin must
be tied high thru a resistor and the OPT[2:0] pins
tied
low
thru
a
resistor
(See
configuration
description section). These pins are not driven
while the USB97CFDC2-01 is in SUSPEND mode
and internal ROM mode is active. They are driven
while in SUSPEND in external ROM mode..
34
Program
Memory Data
Bus/EEPROM
Input
FD4/IN0
IO8
This signal is used to transfer data between the
internal 8051 and the external program memory
when operating in external program memory mode
(See ROMEN pin). When operating from internal
program memory, this pin is the input data from an
external
serial
EEPROM
that
contains
manufacturer specific ID and string information, as
required by the USB specification, and drive
options.
This
pin
is
not
driven
while
the
USB97CFDC2-01 is in SUSPEND mode and
internal ROM mode is active. It is driven while in
SUSPEND in external ROM mode...
33-31
Program
Memory Data
Bus/EEPROM
Output
FD[7:5]/
OUT[2:0]
IO8
This signal is used to transfer data between the
internal 8051 and the external program memory
when operating in external program memory mode
(See ROMEN pin). When operating from internal
program memory, these pins are the output data
and strobes to an external serial EEPROM that
contains manufacturer specific ID and string
information, as required by the USB specification,
and drive options. These pins are driven while the
USB97CFDC2-01 is in SUSPEND mode.
50, 53, 54,
49, 57, 29,
56, 55, 48-
44, 42-40,
Flash Memory
Address Bus
FA[15:0]
O8
These signals address memory locations within the
FLASH memory.
28
Flash Memory
Read Strobe
nFRD
O8
Flash ROM Read; active low
30
Flash Memory
Chip Select
nFCE
O8
Flash ROM Chip Select; active low
MISCELLANEOUS
17
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
14.318Mhz Crystal or clock input.
This pin can be connected to one terminal of the
crystal or can be connected to an external
14.318Mhz clock when a crystal is not used.


Similar Part No. - USB97CFDC2-01

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97CFDC SMSC-USB97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
USB97CFDC-MN SMSC-USB97CFDC-MN Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
More results

Similar Description - USB97CFDC2-01

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com