Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB97CFDC2-01 Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 3Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 4Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 5Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 6Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 7Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 8Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 9Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 10Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 7
Rev. 02-27-07
DATASHEET
4
BLOCK DIAGRAM
8051 CPU
8237
4k Data Buffer RAM
Memory
Management
Unit
Map RAM
Arbiter
SIE DMA
RX/TX
Queue
End Point
Control
Serial Interface Engine
GPIO
FD[7:0]/OPT[3:0]
/IN0/OUT[2:0]
nFRD
nFCE
Drive
Control
Flash/
SRAM
Interface
IRQ0
SD[7:0]
SA[13:0]
nIOW
nIOR
nMEMW
nMEMR
High Speed
USB
XCVR
To USB Bus
FA[15:0]
FLOPPY DISK
CONTROLLER
DRQ2
TC
nDAK2
ADDRESS
DECODE
nCE
AEN
SRAM
Interface
nTRK0, nINDEX,
nWRTPRT, nDSKCHG
nRDATA, DRVDEN0,
DRVDEN1, nWDATA,
nWGATE, nHDSEL,
nDIR, nMTR0, nDS0,
nSTEP
DRIVE
INTERFACE
CLOCK
CONTROL
nHDO
nDRVRDY
nFDPWR
32K Byte
Program ROM
ROMEN


Similar Part No. - USB97CFDC2-01

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97CFDC SMSC-USB97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
USB97CFDC-MN SMSC-USB97CFDC-MN Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
More results

Similar Description - USB97CFDC2-01

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com