Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4521B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4521B
Description  24-stage frequency divider and oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4521B Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4521B Datasheet HTML 1Page - NXP Semiconductors HEF4521B Datasheet HTML 2Page - NXP Semiconductors HEF4521B Datasheet HTML 3Page - NXP Semiconductors HEF4521B Datasheet HTML 4Page - NXP Semiconductors HEF4521B Datasheet HTML 5Page - NXP Semiconductors HEF4521B Datasheet HTML 6Page - NXP Semiconductors HEF4521B Datasheet HTML 7Page - NXP Semiconductors HEF4521B Datasheet HTML 8Page - NXP Semiconductors HEF4521B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
January 1995
3
Philips Semiconductors
Product specification
24-stage frequency divider and oscillator
HEF4521B
MSI
HEF4521BP(N): 16-lead DIL; plastic (SOT38-1)
HEF4521BD(F): 16-lead DIL; ceramic (cerdip) (SOT74)
HEF4521BT(D): 16-lead SO; plastic (SOT109-1)
( ): Package Designator North America
Fig.2 Pinning diagram.
COUNT CAPACITY
OUTPUT
COUNT CAPACITY
O18
218 = 262 144
O19
219 = 524 288
O20
220 = 1 048 576
O21
221 = 2 097 152
O22
222 = 4 194 304
O23
223 = 8 388 608
O24
224 = 16 777 216
FUNCTIONAL TEST SEQUENCE
INPUTS
CONTROL
TERMINALS
OUTPUTS
REMARKS
MR
I2
O2
VSS’VDD’O18 to O24
HL
L
VDD
VSS
L
counter is in three 8-stage sections
in parallel mode; I2 and O2 are
interconnected (O2 is now input);
counter is reset by MR
LVDD
VSS
H
255 pulses are clocked into I2,O2
(the counter advances on the LOW
to HIGH transition)
LL
L
VSS
VSS
HVSS’ is connected to VSS
LH
L
VSS
VSS
H
the input I2 is made HIGH
LH
L
VSS
VDD
HVDD’ is connected to VDD;O2 is
now made floating and becomes an
output; the device is now in the
224 mode
LVSS
VDD
L
counter ripples from an all HIGH
state to an all LOW state
A test function has been included for the reduction of the
test time required to exercise all 24 counter stages. This
test function divides the counter into three 8-stage
sections by connecting VSS’toVDD and VDD’toVSS. Via
I2 (connected to O2) 255 counts are loaded into each of
the 8-stage sections in parallel. All flip-flops are now at a
HIGH state.
The counter is now returned to the normal 24-stage in
series configuration by connecting VSS’ to VSS and VDD’to
VDD. One more pulse is entered into input I2, which will
cause the counter to ripple from an all HIGH state to an all
LOW state.


Similar Part No. - HEF4521B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521BP NXP-HEF4521BP Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521BT NXP-HEF4521BT Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
logo
Nexperia B.V. All right...
HEF4521BT NEXPERIA-HEF4521BT Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
More results

Similar Description - HEF4521B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com