Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4521B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HEF4521B
Description  24-stage frequency divider and oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4521B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HEF4521B Datasheet HTML 3Page - NXP Semiconductors HEF4521B Datasheet HTML 4Page - NXP Semiconductors HEF4521B Datasheet HTML 5Page - NXP Semiconductors HEF4521B Datasheet HTML 6Page - NXP Semiconductors HEF4521B Datasheet HTML 7Page - NXP Semiconductors HEF4521B Datasheet HTML 8Page - NXP Semiconductors HEF4521B Datasheet HTML 9Page - NXP Semiconductors HEF4521B Datasheet HTML 10Page - NXP Semiconductors HEF4521B Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
January 1995
10
Philips Semiconductors
Product specification
24-stage frequency divider and oscillator
HEF4521B
MSI
Fig.9
Test set-up for measuring forward transconductance gfs =dio/dvi at vo is constant (see also graph Fig.10).
Fig.10 Typical forward transconductance gfs as a function of the supply voltage at Tamb =25 °C.
A: average,
B: average + 2 s,
C: average
− 2 s, in which: ‘s’ is the observed standard deviation.


Similar Part No. - HEF4521B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521BP NXP-HEF4521BP Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521BT NXP-HEF4521BT Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
logo
Nexperia B.V. All right...
HEF4521BT NEXPERIA-HEF4521BT Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
More results

Similar Description - HEF4521B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com