Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4521B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4521B
Description  24-stage frequency divider and oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4521B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4521B Datasheet HTML 1Page - NXP Semiconductors HEF4521B Datasheet HTML 2Page - NXP Semiconductors HEF4521B Datasheet HTML 3Page - NXP Semiconductors HEF4521B Datasheet HTML 4Page - NXP Semiconductors HEF4521B Datasheet HTML 5Page - NXP Semiconductors HEF4521B Datasheet HTML 6Page - NXP Semiconductors HEF4521B Datasheet HTML 7Page - NXP Semiconductors HEF4521B Datasheet HTML 8Page - NXP Semiconductors HEF4521B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
January 1995
5
Philips Semiconductors
Product specification
24-stage frequency divider and oscillator
HEF4521B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL
EXTRAPOLATION
FORMULA
Propagation delays
I2 → O18
5
950
1900
ns
923 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
350
700
ns
339 ns
+ (0,23 ns/pF) CL
15
220
440
ns
212 ns
+ (0,16 ns/pF) CL
5
950
1900
ns
923 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
350
700
ns
339 ns
+ (0,23 ns/pF) CL
15
220
440
ns
212 ns
+ (0,16 ns/pF) CL
On → On + 1
5
40
80
ns
13 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
15
30
ns
4 ns
+ (0,23 ns/pF) CL
15
10
20
ns
2 ns
+ (0,16 ns/pF) CL
5
40
80
ns
13 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
15
30
ns
4 ns
+ (0,23 ns/pF) CL
15
10
20
ns
2 ns
+ (0,16 ns/pF) CL
MR
→ On
5
120
240
ns
93 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
I1 → O1
5
90
180
ns
63 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL
5
60
120
ns
33 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
30
60
ns
19 ns
+ (0,23 ns/pF) CL
15
20
40
ns
12 ns
+ (0,16 ns/pF) CL
Fig.4 Schematic diagram of clock input circuitry.


Similar Part No. - HEF4521B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521BP NXP-HEF4521BP Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521BT NXP-HEF4521BT Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
logo
Nexperia B.V. All right...
HEF4521BT NEXPERIA-HEF4521BT Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
More results

Similar Description - HEF4521B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
219Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com