Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFAM1512L7B Datasheet(PDF) 8 Page - ON Semiconductor

Part # NFAM1512L7B
Description  Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM1512L7B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NFAM1512L7B Datasheet HTML 4Page - ON Semiconductor NFAM1512L7B Datasheet HTML 5Page - ON Semiconductor NFAM1512L7B Datasheet HTML 6Page - ON Semiconductor NFAM1512L7B Datasheet HTML 7Page - ON Semiconductor NFAM1512L7B Datasheet HTML 8Page - ON Semiconductor NFAM1512L7B Datasheet HTML 9Page - ON Semiconductor NFAM1512L7B Datasheet HTML 10Page - ON Semiconductor NFAM1512L7B Datasheet HTML 11Page - ON Semiconductor NFAM1512L7B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NFAM1512L7B
www.onsemi.com
8
Figure 4. Temperature of LVIC vs. VTS Characteristics
LVIC Temperature (°C)
40
45
50 55 60 65
70 75 80 85 90
95 100 105 110 115 120 125 130
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 5. Internal Block Diagram and Interface Circuit of VTS
Temperature
sensing voltage
MCU
Ref
Inside LVIC of IPM
VSS
VTS
10 nF
5.1 kW
Figure 6. Characteristics of Bootstrap Diode/Resistor (Right Figure is Enlarged Figure)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
VF (V)
0.00
0.01
0.02
0.03
0.04
0.05
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VF (V)


Similar Part No. - NFAM1512L7B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM1012L5B ONSEMI-NFAM1012L5B Datasheet
395Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
More results

Similar Description - NFAM1512L7B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2012L5BT ONSEMI-NFAM2012L5BT Datasheet
390Kb / 10P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM1012L5B ONSEMI-NFAM1012L5B Datasheet
395Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM0512L5BT ONSEMI-NFAM0512L5BT Datasheet
218Kb / 9P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM0512L5B ONSEMI-NFAM0512L5B Datasheet
317Kb / 10P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAQ1560R43TL ONSEMI-NFAQ1560R43TL Datasheet
610Kb / 14P
Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
STK551U392A-E ONSEMI-STK551U392A-E Datasheet
855Kb / 16P
Intelligent Power Module (IPM) 600 V, 15 A
December 2016 - Rev. 2
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com