Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFAM1512L7B Datasheet(PDF) 5 Page - ON Semiconductor

Part # NFAM1512L7B
Description  Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM1512L7B Datasheet(HTML) 5 Page - ON Semiconductor

  NFAM1512L7B Datasheet HTML 1Page - ON Semiconductor NFAM1512L7B Datasheet HTML 2Page - ON Semiconductor NFAM1512L7B Datasheet HTML 3Page - ON Semiconductor NFAM1512L7B Datasheet HTML 4Page - ON Semiconductor NFAM1512L7B Datasheet HTML 5Page - ON Semiconductor NFAM1512L7B Datasheet HTML 6Page - ON Semiconductor NFAM1512L7B Datasheet HTML 7Page - ON Semiconductor NFAM1512L7B Datasheet HTML 8Page - ON Semiconductor NFAM1512L7B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NFAM1512L7B
www.onsemi.com
5
ABSOLUTE MAXIMUM RATINGS (VDD = 15 V and Tj = 25°C, Unless Otherwise Specified)
Symbol
Rating
Conditions
Value
Unit
INVERTER PART
VPN
Supply Voltage
Applied between P − NU, NV, NW
900
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P − NU, NV, NW
(Note 1)
1000
V
Vces
Collector − Emitter Voltage
1200
V
VRRM
Maximum Repetitive Revers Voltage
1200
V
±Ic
Each IGBT Collector Current
15
A
±Icp
Each IGBT Collector Current (Peak)
Tc = 25°C, Tj ≤ 150°C,
under 1 ms Pulse Width
30
A
Pc
Corrector Dissipation
Tc = 25°C per one chip (Note 2)
109
W
Tj
Operating Junction Temperature
−40 ~ 150
°C
CONTROL PART
VDD
Control Supply Voltage
Applied between VDD(H), VDD(L) − VSS
20
V
VBS
High−Side Control Bias Voltage
Applied between VB(U) − VS(U),
VB(V) − VS(V), VB(W) − VS(W)
20
V
VIN
Input Signal Voltage
Applied between HIN(U), HIN(V), HIN(W),
LIN(U), LIN(V), LIN(W) − VSS
−0.3 ~ VDD + 0.3
V
VFO
Fault Output Supply Voltage
Applied between VFO − VSS
−0.3 ~ VDD + 0.3
V
IFO
Fault Output Current
Sink Current at VFO pin
2
mA
VCIN
Current Sensing Input Voltage
Applied between CIN − VSS
−0.3 ~ VDD + 0.3
V
TOTAL SYSTEM
VPN(PROT)
Self−Protection Supply Voltage Limit
(Short Circuit Protection Capability)
VDD = VBS = 13.5 ~ 16.5 V, Tj = 150°C,
Non−repetitive, <2 ms
800
V
Tc
Case Operation Temperature
See Figure 1
−40 ~ 125
°C
Tstg
Storage Temperature
−40 ~ 125
°C
Viso
Isolation Voltage
60 Hz, Sinusoidal, AC 1 minute,
Connection Pins to Heat Sink Plate
2500
Vrms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Surge voltage developed by the switching operation due to the wiring inductance between P and NU, NV, NW terminal.
2. Calculation value considered to design factor.
THERMAL CHARACTERISTICS
Symbol
Rating
Conditions
Min
Typ
Max
Unit
Rth(j−c)Q
Junction to Case Thermal
Resistance (Note 3)
Inverter IGBT Part (per 1/6 Module)
1.15
°C/W
Rth(j−c)F
Inverter FWDi Part (per 1/6 Module)
1.80
°C/W
3. For the measurement point of case temperature (Tc), please refer to Figure 1.


Similar Part No. - NFAM1512L7B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM1012L5B ONSEMI-NFAM1012L5B Datasheet
395Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
More results

Similar Description - NFAM1512L7B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM2012L5BT ONSEMI-NFAM2012L5BT Datasheet
390Kb / 10P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM1012L5B ONSEMI-NFAM1012L5B Datasheet
395Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM0512L5BT ONSEMI-NFAM0512L5BT Datasheet
218Kb / 9P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM0512L5B ONSEMI-NFAM0512L5B Datasheet
317Kb / 10P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
STK551U392A-E ONSEMI-STK551U392A-E Datasheet
855Kb / 16P
Intelligent Power Module (IPM) 600 V, 15 A
December 2016 - Rev. 2
NFAQ1560R43TL ONSEMI-NFAQ1560R43TL Datasheet
610Kb / 14P
Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com