Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4518BP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4518BP
Description  Dual BCD counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4518BP Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4518BP Datasheet HTML 1Page - NXP Semiconductors HEF4518BP Datasheet HTML 2Page - NXP Semiconductors HEF4518BP Datasheet HTML 3Page - NXP Semiconductors HEF4518BP Datasheet HTML 4Page - NXP Semiconductors HEF4518BP Datasheet HTML 5Page - NXP Semiconductors HEF4518BP Datasheet HTML 6Page - NXP Semiconductors HEF4518BP Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
January 1995
4
Philips Semiconductors
Product specification
Dual BCD counter
HEF4518B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP0 , CP1 → On
5
120
240 ns
93 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110 ns
44 ns
+ (0,23 ns/pF) CL
15
40
80 ns
32 ns
+ (0,16 ns/pF) CL
5
120
240 ns
93 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
55
110 ns
44 ns
+ (0,23 ns/pF) CL
15
40
80 ns
32 ns
+ (0,16 ns/pF) CL
MR
→ On
5
75
150 ns
48 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
35
70 ns
24 ns
+ (0,23 ns/pF) CL
15
25
50 ns
17 ns
+ (0,16 ns/pF) CL
Output transition
times
5
60
120 ns
10 ns
+ (1,0 ns/pF) C
L
HIGH to LOW
10
tTHL
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
Minimum CP0
560
30
ns
pulse width; LOW
10
tWCPL
30
15
ns
15
20
10
ns
Minimum CP1
560
30
ns
pulse width; HIGH
10
tWCPH
30
15
ns
15
20
10
ns
Minimum MR
5
30
15
ns
pulse width; HIGH
10
tWMRH
20
10
ns
15
16
8
ns
Recovery time
5
50
25
ns
see also waveforms
Figs 4 and 5
for MR
10
tRMR
30
15
ns
15
20
10
ns
Set-up times
5
50
25
ns
CP0 → CP1
10
tsu
30
15
ns
15
20
10
ns
550
25
ns
CP1 → CP0
10
tsu
30
15
ns
15
20
10
ns
Maximum clock
5
8
16
MHz
pulse frequency
10
fmax
15
30
MHz
15
20
40
MHz


Similar Part No. - HEF4518BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
   Dual BCD counter
Rev. 9 - 3 December 2021
HEF4518BT NEXPERIA-HEF4518BT Datasheet
221Kb / 13P
   Dual BCD counter
Rev. 9 - 3 December 2021
More results

Similar Description - HEF4518BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
   Dual BCD counter
Rev. 9 - 3 December 2021
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
   DUAL BCD UP COUNTER
logo
NXP Semiconductors
74HC4518 PHILIPS-74HC4518 Datasheet
63Kb / 7P
   Dual synchronous BCD counter
December 1990
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
   Dual BCD Up Counter, Dual Binary Up Counter
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP_07 Datasheet
746Kb / 14P
   Dual BCD Programmable Down Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B_06 Datasheet
101Kb / 8P
   3?묭igit BCD Counter
June, 2006 ??Rev. 7
logo
Hitachi Semiconductor
HD14553B HITACHI-HD14553B Datasheet
91Kb / 6P
   Three-Digit BCD Counter
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com