Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZA-5044 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # SZA-5044
Description  4.9 - 5.9 GHz 5V Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SZA-5044 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SZA-5044 Datasheet HTML 1Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 2Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 3Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 4Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 5Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 6Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 7Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
2
EDS-103585 Rev H
SZA-5044 4.9-5.9 GHz Power Amp
Pin Out Description
Pin #
Function
Description
1,3,5,9,
11,15,17
N/C
Pins are not used. May be grounded, left open, or connected to adjacent pin.
6
VPC1
VPC1 is the bias control pin for the stage 1 active bias circuit and can be run from 2.9V to 5V control. An
external series resistor is required for proper setting of bias levels depending on control voltage. Refer to
the evaluation board schematic for resistor value. To prevent potential damage, do not apply voltage to this
pin that is +1V greater than voltage applied to pin 20 (Vbias) unless Vpc supply current capability is less
than 10 mA.
7
VPC2
VPC2 is the bias control pin for the stage 2 active bias circuit and can be run from 2.9V to 5V control. An
external series resistor is required for proper setting of bias levels depending on control voltage. Refer to
the evaluation board schematic for resistor value. To prevent potential damage, do not apply voltage to this
pin that is +1V greater than voltage applied to pin 20 (Vbias) unless Vpc supply current capability is less
than 10 mA.
8
VPC3
VPC3 is the bias control pin for the stage 3 active bias circuit and can be run from 2.9V to 5V control. An
external series resistor is required for proper setting of bias levels depending on control voltage. Refer to
the evaluation board schematic for resistor value. To prevent potential damage, do not apply voltage to this
pin that is +1V greater than voltage applied to pin 20 (Vbias) unless Vpc supply current capability is less
than 10 mA.
10
Vdet
Ouput power detector voltage. Load with 10K-100K ohms to ground for best performance.
2,4
RFIN
RF input pins. This is DC grounded internal to the IC. Do not apply voltage to this pin. All three pins must be
used for proper operation.
12,13,14
RFOUT
RF output pin. This is also another connection to the 3rd stage collector
16
VC3
3rd stage collector bias pin. Apply 5V to this pin.
18
VC2
2nd stage collector bias pin. Apply 5V to this pin.
19
VC1
1st stage collector bias pin. Apply 5V to this pin.
20
Vbias
Active bias network VCC. Apply 5V to this pin.
EPAD
Gnd
Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for
optimum thermal and RF performance. Several vias should be located under the EPAD as shown in the rec-
ommended land pattern (page 5).
Caution: ESD Sensitive
Appropriate precaution in handling, packaging
and testing devices must be observed.
Absolute Maximum Ratings
Parameters
Value
Unit
VC3 Collector Bias Current (pin16)
500
mA
VC2 Collector Bias Current (pin18)
225
mA
VC1 Collector Bias Current (pin19)
75
mA
Device Voltage (VD)
7.0
V
Power Dissipation
3.4
W
Operating Lead Temperature (TL)
-40 to +85
ºC
RF Input Power for 50 ohm RF out load
15
dBm
RF Input Power for 10:1 VSWR RF out
load
2
dBm
Storage Temperature Range
-40 to +150
ºC
Operating Junction Temperature (TJ)
+150
ºC
ESD Human Body Model
>1000
V
Operation of this device beyond any one of these limits may
cause permanent damage. For reliable continuous operation
the device voltage and current must not exceed the maximum
operating values specified in the table on page one.
Bias conditions should also satisfy the following expression:
IDVD < (TJ - TL) / RTH’ j-l
Simplified Device Schematic
Stage 1
Bias
Stage 2
Bias
Stage 3
Bias
Pin 2, 4
Pin 12,13,14
Pin
6
Pin
20
Pin
19
Pin
7
Pin
18
Pin
8
Pin
16
Pin
10
EPAD
EPAD
EPAD


Similar Part No. - SZA-5044

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
Qorvo, Inc
SZA-5044 QORVO-SZA-5044 Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
RF Micro Devices
SZA-5044Z RFMD-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
More results

Similar Description - SZA-5044

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com