Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZA-5044 Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SZA-5044
Description  4.9 - 5.9 GHz 5V Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SZA-5044 Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SZA-5044 Datasheet HTML 1Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 2Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 3Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 4Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 5Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 6Page - SIRENZA MICRODEVICES SZA-5044 Datasheet HTML 7Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for ina ccuracies or ommisions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent
rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices
and/or systems.
Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
1
EDS-103585 Rev H
Sirenza Microdevices’ SZA-5044 is a high efficiency class AB
Heterojunction Bipolar Transistor (HBT) amplifier housed in a
low-cost surface-mountable plastic package. This HBT ampli-
fier is made with InGaP on GaAs device technology and fabri-
cated with MOCVD for an ideal combination of low cost and
high reliability. This product is specifically designed as a final
or driver stage for 802.11a equipment in the 4.9 - 5.9 GHz
band for a 5V supply. Optimized on-chip impedance matching
circuitry provides a 50
Ω nominal RF input impedance. A sin-
gle external output matching circuit covers the entire 4.9-
5.9GHz band simultaneously. The external output match
allows for load line optimization for other applications or opti-
mized performance over narrower bands. This product is
available in a RoHS Compliant and Green package with matte
tin finish, designated by the “Z” package suffix.
Key Specifications
Symbol
Parameters: Test Conditions, App circuit page 4
Z0 = 50Ω, VCC = 5.0V, Icq = 270mA, TBP = 25ºC
Unit
Min.
Typ.
Max.
fO
Frequency of Operation
MHz
4900
5900
P1dB
Output Power at 1dB Compression – 5.15 GHz
dBm
30.2
Output Power at 1dB Compression – 5.875 GHz
27.5
29
S21
Gain at 4.9 GHz
dB
30.7
32.7
34.7
Gain at 5.15 GHz
dB
33.0
Gain at 5.875 GHz
dB
25.7
27.7
29.7
Pout
Output power at 3% EVM 802.11a 54Mb/s - 5.15GHz
dBm
21
Output Power at 3% EVM 802.11a 54Mb/s - 5.875GHz
22
NF
Noise Figure at 5.875 GHz
dB
6.3
IM3
Third Order Intermod at 18dBm per tone - 5.875GHz
dBc
-39
-35
IRL
Worst Case Input Return Loss 4.9-5.875GHz
dB
8.6
11.6
ORL
Worst Case Output Return Loss 4.9-5.875GHz
9.3
12.3
Vdet Range
Output Voltage Range for Pout=10dBm to 26dBm
V
0.8 to 1.9
Icq
Vcc Quiescent Current
mA
230
270
310
IVPC
Power Up Control Current, Vpc=5V ( IVPC1 + I VPC2 + IVPC3 )
mA
1.7
ILEAK
Off Vcc Leakage Current Vpc=0V
uA
8
100
Rth, j-l
Thermal Resistance (junction - lead)
ºC/W
24
Functional Block Diagram
SZA-5044
SZA-5044Z
4.9 – 5.9 GHz 5V Power Amplifier
Product Features
Applications
802.11a 54Mb/s Class AB Performance
Pout = 22dBm @ 3% EVM, 5V, 343mA
High Gain = 33dB
Output Return Loss < -11dB for Linear Tune
On-chip Output Power Detector
P1dB = 30dBm @ 5V
Simultaneous 4.9- 5.9GHz Performance
Robust - Survives RF Input Power = +15dBm
Power up/down control < 1
µs, Vpc 2.9V to 5V
802.11a WLAN, OFDM
5.8GHz ISM Band, 802.16 WiMAX
Product Description
4mm x 4mm QFN Package
RFIN
RFOUT
Vcc
Power Detector
Vout
Active
Bias
Active
Bias
Active
Bias
Power
Up/Down
Control
Pb
RoHS Compliant
&
Package
Green


Similar Part No. - SZA-5044

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
Qorvo, Inc
SZA-5044 QORVO-SZA-5044 Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
RF Micro Devices
SZA-5044Z RFMD-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
More results

Similar Description - SZA-5044

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
logo
IXYS Corporation
MMA-495933-Q5 IXYS-MMA-495933-Q5 Datasheet
198Kb / 8P
   4.9 ??5.9 GHz Linear Power Amplifier Preliminary Data Sheet
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com