Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF-4000 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # SUF-4000
Description  0.15-10 GHz, Cascadable pHEMT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SUF-4000 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SUF-4000 Datasheet HTML 1Page - SIRENZA MICRODEVICES SUF-4000 Datasheet HTML 2Page - SIRENZA MICRODEVICES SUF-4000 Datasheet HTML 3Page - SIRENZA MICRODEVICES SUF-4000 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Broomfield, CO 80021
2
EDS-105418 Rev A
SUF-4000 0.15-10 GHz Cascadable MMIC Amplifier
Preliminary
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Typical Performance (GSG Probe Data)
Noise Figure vs. Fre que ncy
0
1
2
3
4
5
6
7
0
1
234
5
678
9
10
Frequency (GHz)
25C
-20C
85C
P1dB vs. Fre que ncy
13
14
15
16
17
18
19
20
21
22
23
0
1
23
4
5
6
78
9
10
Frequency (GHz)
25C
-20C
85C
OIP3 vs. Frequency
25
27
29
31
33
35
01
2345
67
Frequency (GHz)
25C
-20C
85C
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
3
6
9
12
15
Frequency (GHz)
-20C
25C
85C
S21 vs. Fre que ncy
0
2
4
6
8
10
12
14
16
18
20
0
3
6
9
12
15
Frequency (GHz)
-20C
25C
85C
S22 vs. Freque ncy
-30
-25
-20
-15
-10
-5
0
0
3
6
9
12
15
Frequency (GHz)
-20C
25C
85C


Similar Part No. - SUF-4000

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
DC-20 GHz, Cascadable pHEMT MMIC Amplifier
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
SIRENZA MICRODEVICES
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
More results

Similar Description - SUF-4000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-176 ETC-SNA-176 Datasheet
258Kb / 3P
DC-10 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-100 STANFORD-SNA-100 Datasheet
62Kb / 3P
DC-10 GHz, Cascadable GaAs MMIC Amplifier
logo
SIRENZA MICRODEVICES
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
DC-20 GHz, Cascadable pHEMT MMIC Amplifier
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
SXE-1089Z SIRENZA-SXE-1089Z Datasheet
186Kb / 7P
0.05-3 GHz, Cascadable pHEMT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com