Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF-4000 Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SUF-4000
Description  0.15-10 GHz, Cascadable pHEMT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SUF-4000 Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SUF-4000 Datasheet HTML 1Page - SIRENZA MICRODEVICES SUF-4000 Datasheet HTML 2Page - SIRENZA MICRODEVICES SUF-4000 Datasheet HTML 3Page - SIRENZA MICRODEVICES SUF-4000 Datasheet HTML 4Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
Product Description
Broomfield, CO 80021
1
EDS-105418 Rev A
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this
information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or
granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc.. All worldwide rights
reserved.
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Product Features
Broadband Performance
High Gain = 17.0 dB @ 2 GHz
P1dB = 21 dBm @ 2 GHz
Low-noise, Efficient Gain Block
• 5V Operation, No Dropping Resistor
Low Gain Variation vs. Temperature
Patented Thermal Design
Patented Self-Bias Darlington Topology
Applications
Broadband Communications
Test Instrumentation
Military & Space
LO and IF Mixer Applications
High IP3 RF Driver Applications
Test Conditions:
V
S = 5 V
I
D = 80 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
T
L = 25ºC
Z
S = ZL = 50 Ohms
Measured with Bias Tees
SUF-4000
0.15-10 GHz, Cascadable pHEMT
MMIC Amplifier
Sirenza Microdevices’ SUF-4000 is a monolithically matched broadband
high IP3 gain block covering 0.15-10 GHz. This pHEMT FET-based
amplifier uses a patented self-bias Darlington topology featuring a gain
and temperature compensating active bias network that operates from
a single 5V supply. It offers efficient, cascadable performance in a
compact 0.88 x 0.80 mm2 die. It is well-suited for RF, LO, and IF driver
applications.
Gain & Return Loss vs. Frequency
(GSG Probe Data)
0
5
10
15
20
25
30
0
3
6
9
12
15
Fre que ncy (Ghz)
-30
-25
-20
-15
-10
-5
0
ORL
IRL
GAIN
\
Symbol
Parameters
Units
Frequency
Min.
Typ.
Max.
2 GHz
17.0
6 GHz
14.5
2 GHz
21.0
6 GHz
20.0
2 GHz
32.0
6 GHz
30.5
2 GHz
2.8
6 GHz
3.7
2 GHz
12.0
6 GHz
-11.5
2 GHz
-18.0
6 GHz
-20.0
2 GHz
-21.0
6 GHz
-20.0
VD
Device Operating Voltage
V
5.0
ID
Device Operating Current
mA
73
ΔG/ΔT
Gain Variation vs. Temperature
dB/°C
0.01
Rth, j-l
Thermal Resistance (junction-to-backside)
°C/W
164
ZS = ZL = 50 Ohms, 25C, GSG Probe Data With Bias Tees
Test Conditions:
VS = 5.0V, ID = 73mA, OIP3 Tone Spacing = 1MHz, Pout per tone = 0 dBm
Gp
Small Signal Power Gain
dB
dB
dB
NF
dB
dBm
dBm
Isol
Reverse Isolation
dB
Noise Figure
Input Return Loss
Output Return Loss
IRL
ORL
P1dB
Output Power at 1dB Compression
Output Third Order Intercept Point
OIP3


Similar Part No. - SUF-4000

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
DC-20 GHz, Cascadable pHEMT MMIC Amplifier
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
SIRENZA MICRODEVICES
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
More results

Similar Description - SUF-4000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-176 ETC-SNA-176 Datasheet
258Kb / 3P
DC-10 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-100 STANFORD-SNA-100 Datasheet
62Kb / 3P
DC-10 GHz, Cascadable GaAs MMIC Amplifier
logo
SIRENZA MICRODEVICES
SUF-1000 SIRENZA-SUF-1000 Datasheet
128Kb / 4P
DC-20 GHz, Cascadable pHEMT MMIC Amplifier
SUF-2000 SIRENZA-SUF-2000 Datasheet
152Kb / 4P
0.2-10 GHz, Cascadable pHEMT MMIC Amplifier
SUF-3000 SIRENZA-SUF-3000 Datasheet
136Kb / 4P
0.25-16 GHz, Cascadable pHEMT MMIC Amplifier
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
SXE-1089Z SIRENZA-SXE-1089Z Datasheet
186Kb / 7P
0.05-3 GHz, Cascadable pHEMT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com