Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCBH324245KR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AVCBH324245KR
Description  32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCBH324245KR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AVCBH324245KR Datasheet HTML 4Page - Texas Instruments SN74AVCBH324245KR Datasheet HTML 5Page - Texas Instruments SN74AVCBH324245KR Datasheet HTML 6Page - Texas Instruments SN74AVCBH324245KR Datasheet HTML 7Page - Texas Instruments SN74AVCBH324245KR Datasheet HTML 8Page - Texas Instruments SN74AVCBH324245KR Datasheet HTML 9Page - Texas Instruments SN74AVCBH324245KR Datasheet HTML 10Page - Texas Instruments SN74AVCBH324245KR Datasheet HTML 11Page - Texas Instruments SN74AVCBH324245KR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74AVCBH324245
32-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES550B – FEBRUARY 2004 – REVISED JUNE 2005
over recommended operating free-air temperature range, V
CCA = 2.5 V ± 0.2 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.6
6
1.8
5.6
1.5
4
1.5
3.4
tpd
ns
B
A
1.7
5.4
1.7
4.6
1.5
4
1.5
3.7
A
1.7
5.7
2.2
5.5
2.2
5.3
2.2
5.1
ten
OE
ns
B
3.1
6.1
2.5
5.6
2.2
5.3
1.9
4.2
A
1.2
5.8
1.9
5
1.4
3.6
1.3
3.3
tdis
OE
ns
B
2.4
6
3
5.2
1.4
3.6
1.2
3
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.5
5.9
1.7
5.4
1.5
3.7
1.4
3.1
tpd
ns
B
A
1.5
5.8
1.5
4.2
1.5
3.3
1.4
3.1
A
1.6
4.9
2
4.5
2
4.3
1.9
4.1
ten
OE
ns
B
2
5.1
2
4.6
2.2
5.2
1.9
4.1
A
1.3
6.9
2.1
5.5
1.6
3.8
1.5
3.5
tdis
OE
ns
B
2.3
5.5
1.9
4.5
1.3
3.5
1.2
3.5
V
CCA and VCCB = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Outputs enabled
14
Power-dissipation capacitance per transceiver,
A-port input, B-port output
Outputs disabled
7
CpdA
CL = 0,
f = 10 MHz
pF
(VCCA)
Outputs enabled
20
Power-dissipation capacitance per transceiver,
B-port input, A-port output
Outputs disabled
7
Outputs enabled
20
Power-dissipation capacitance per transceiver,
A-port input, B-port output
Outputs disabled
7
CpdB
CL = 0,
f = 10 MHz
pF
(VCCB)
Outputs enabled
14
Power-dissipation capacitance per transceiver,
B-port input, A-port output
Outputs disabled
7
8


Similar Part No. - SN74AVCBH324245KR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCBH324245KR TI-SN74AVCBH324245KR Datasheet
289Kb / 14P
32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCBH324245KR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCB324245 TI-SN74AVCB324245 Datasheet
330Kb / 13P
32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245 Datasheet
289Kb / 14P
32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245 Datasheet
418Kb / 19P
32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_09 Datasheet
598Kb / 21P
32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_09 Datasheet
649Kb / 20P
32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com