Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNA-200 Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SNA-200
Description  DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SNA-200 Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SNA-200 Datasheet HTML 1Page - SIRENZA MICRODEVICES SNA-200 Datasheet HTML 2Page - SIRENZA MICRODEVICES SNA-200 Datasheet HTML 3Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
EDS-102429 Rev C
Preliminary
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
SNA-200 DC-6.5 GHz Cascadable MMIC Amplifier
Typical Application Circuit
For recommended handling, die attach, and bonding methods, see the following application note at
www.sirenza.com.
AN-041 (PDF) Handling of Unpackaged Die
e
c
n
e
r
e
f
e
R
r
o
t
a
n
g
i
s
e
D
)
z
h
M
(
y
c
n
e
u
q
e
r
F
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
C
B
F
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5F
p
9
3
C
D
F
p
0
0
1F
p
8
6F
p
2
2F
p
2
2F
p
5
1
L
C
H
n
8
6H
n
3
3H
n
2
2H
n
8
1H
n
5
1
I
r
o
f
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
D
A
m
0
5
=
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
S)V
6V
8V
0
1V
2
1
R
S
A
I
B
3
42
80
2
10
6
1
R
:
e
t
o
N
S
A
I
B
.
e
r
u
t
a
r
e
p
m
e
t
r
e
v
o
y
ti
li
b
a
t
s
s
a
i
b
C
D
s
e
d
i
v
o
r
p
RF in
RF out
1 uF
C
B
C
B
C
D
R
BIAS
L
C
1
2
3
4
1000
pF
SNA-200
Suggested Bonding Arrangement
(above configuration used for S-parameter data)
Part Number Ordering Information
r
e
b
m
u
N
t
r
a
P
k
c
a
P
l
e
G
0
0
2
-
A
N
Sk
c
a
p
r
e
p
.
s
c
p
0
0
1
Caution: ESD sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
Die are shipped per Sirenza application note
AN-039 Visual Criteria For Unpackaged Die
Application Circuit Element Values
Simplified Schematic of MMIC


Similar Part No. - SNA-200

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SNA-200 STANFORD-SNA-200 Datasheet
67Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-200S ETC1-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-200S SIRENZA-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
More results

Similar Description - SNA-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNA-386 ETC-SNA-386 Datasheet
351Kb / 4P
DC 3 GHZ CASCADABLE GAAS MMIC AMPLIFIER
SNA-176 ETC-SNA-176 Datasheet
258Kb / 3P
DC-10 GHZ CASCADABLE GAAS MMIC AMPLIFIER
SNA-486 ETC-SNA-486 Datasheet
397Kb / 5P
DC - 6.5 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-276 STANFORD-SNA-276 Datasheet
81Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-676 STANFORD-SNA-676 Datasheet
89Kb / 3P
DC-6.5 GHZ , CASCADABLE GAAS MMIC AMPLIFIER
SNA-476 STANFORD-SNA-476 Datasheet
85Kb / 3P
DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-200 STANFORD-SNA-200 Datasheet
67Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-200S ETC1-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-600 SIRENZA-SNA-600 Datasheet
240Kb / 3P
DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-200S SIRENZA-SNA-200S Datasheet
168Kb / 3P
DC-6.5 GHz, Cascadable GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com