Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4047BP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HEF4047BP
Description  Monostable/astable multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4047BP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HEF4047BP Datasheet HTML 7Page - NXP Semiconductors HEF4047BP Datasheet HTML 8Page - NXP Semiconductors HEF4047BP Datasheet HTML 9Page - NXP Semiconductors HEF4047BP Datasheet HTML 10Page - NXP Semiconductors HEF4047BP Datasheet HTML 11Page - NXP Semiconductors HEF4047BP Datasheet HTML 12Page - NXP Semiconductors HEF4047BP Datasheet HTML 13Page - NXP Semiconductors HEF4047BP Datasheet HTML 14Page - NXP Semiconductors HEF4047BP Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
January 1995
13
Philips Semiconductors
Product specification
Monostable/astable multivibrator
HEF4047B
MSI
5. Timing component limitations
The capacitor used in the circuit should be non-polarized and have low leakage (i.e. the parallel resistance of the
capacitor should be an order of magnitude greater than the external resistor used).
There is no upper or lower limit for either Rt or Ct value to maintain oscillation.
However, in consideration of accuracy, Ct must be much larger than the inherent stray capacitance in the system (unless
this capacitance can be measured and taken into account).
Rt must be much larger than the LOCMOS ‘ON’ resistance in series with it, which typically is hundreds of ohms.
The recommended values for Rt and Ct to maintain agreement with previously calculated formulae without trimming
should be:
Ct ≥ 100 pF, up to any practical value,
10 k
Ω≤ Rt ≤ 1 MΩ.
6. Power consumption
In the standby mode (monostable or astable), power dissipation will be a function of leakage current in the circuit.
For dynamic operation, the power needed to charge the external timing capacitor Ct is given by the following formulae:
Because the power dissipation does not depend on Rt, a design for minimum power dissipation would be a small value
of Ct. The value of R would depend on the desired period (within the limitations discussed previously).
Typical power consumption in astable mode is shown in Figs 10, 11 and 12.
Astable mode:
P = 2 Ct V2 f (f at output pin 13)
P = 4 Ct V2 f (f at output pins 10 and 11)
Monostable mode:
P=
29 C
t V
2
,


duty cycle
()
T
---------------------------------------------------------------------
f at output pins 10 and 11
()


Similar Part No. - HEF4047BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
logo
NXP Semiconductors
HEF4047BT PHILIPS-HEF4047BT Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
logo
Nexperia B.V. All right...
HEF4047BT NEXPERIA-HEF4047BT Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047BT-Q100 NEXPERIA-HEF4047BT-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
More results

Similar Description - HEF4047BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B_15 Datasheet
222Kb / 21P
   Monostable/astable multivibrator
Rev. 4-15 September 2014
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com