Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4047BP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4047BP
Description  Monostable/astable multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4047BP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4047BP Datasheet HTML 4Page - NXP Semiconductors HEF4047BP Datasheet HTML 5Page - NXP Semiconductors HEF4047BP Datasheet HTML 6Page - NXP Semiconductors HEF4047BP Datasheet HTML 7Page - NXP Semiconductors HEF4047BP Datasheet HTML 8Page - NXP Semiconductors HEF4047BP Datasheet HTML 9Page - NXP Semiconductors HEF4047BP Datasheet HTML 10Page - NXP Semiconductors HEF4047BP Datasheet HTML 11Page - NXP Semiconductors HEF4047BP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
January 1995
8
Philips Semiconductors
Product specification
Monostable/astable multivibrator
HEF4047B
MSI
1. Astable mode design information
a. Unit-to-unit transfer-voltage variations
The following analysis presents worst-case variations from unit-to-unit as a function of transfer-voltage (VTR) shift for free
running (astable) operation.
Values for tA are:
thus if tA = 4,40 RtCt is used, the maximum variation will be (+ 7,0%; −0,0%) at 10 V.
typ. : VTR = 0,5 VDD;tA = 4,40 RtCt
VDD = 5 or 10 V
min. : VTR = 0,3 VDD;tA = 4,71 RtCt
max.: VTR = 0,7 VDD;tA = 4,71 RtCt
VDD = 15 V
min. : VTR =4 V;
tA = 4,84 RtCt
max.: VTR = 11 V;
tA = 4,84 RtCt
Fig.4 Astable mode waveforms.
t
1
R
t Ct In
V
TR
V
DD
V
TR
+
----------------------------
=
t
2
R
t Ct In
V
DD
V
TR
2V
DD
V
TR
-------------------------------
=
t
A
2t
1
t
2
+
()
2R
t Ct In
V
TR
() V
DD
V
TR
()
V
DD
V
TR
+
() 2V
DD
V
TR
()
-------------------------------------------------------------------------
, where t
A
Astable mode pulse width.
=
=
=


Similar Part No. - HEF4047BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
logo
NXP Semiconductors
HEF4047BT PHILIPS-HEF4047BT Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
logo
Nexperia B.V. All right...
HEF4047BT NEXPERIA-HEF4047BT Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047BT-Q100 NEXPERIA-HEF4047BT-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
More results

Similar Description - HEF4047BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B_15 Datasheet
222Kb / 21P
   Monostable/astable multivibrator
Rev. 4-15 September 2014
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com