Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4047BP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4047BP
Description  Monostable/astable multivibrator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4047BP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF4047BP Datasheet HTML 2Page - NXP Semiconductors HEF4047BP Datasheet HTML 3Page - NXP Semiconductors HEF4047BP Datasheet HTML 4Page - NXP Semiconductors HEF4047BP Datasheet HTML 5Page - NXP Semiconductors HEF4047BP Datasheet HTML 6Page - NXP Semiconductors HEF4047BP Datasheet HTML 7Page - NXP Semiconductors HEF4047BP Datasheet HTML 8Page - NXP Semiconductors HEF4047BP Datasheet HTML 9Page - NXP Semiconductors HEF4047BP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
January 1995
6
Philips Semiconductors
Product specification
Monostable/astable multivibrator
HEF4047B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL MIN. TYP. MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
ASTABLE, ASTABLE
→ OSC. OUTPUT
5
95
190
68 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
90
43 ns
+ (0,23 ns/pF) CL
15
30
60
22 ns
+ (0,16 ns/pF) CL
5
85
170
58 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80
29 ns
+ (0,23 ns/pF) CL
15
30
60
22 ns
+ (0,16 ns/pF) CL
ASTABLE, ASTABLE
→ O, O
5
150
300
123 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
65
130
54 ns
+ (0,23 ns/pF) CL
15
50
100
42 ns
+ (0,16 ns/pF) CL
5
130
260
103 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
60
120
49 ns
+ (0,23 ns/pF) CL
15
45
90
37 ns
+ (0,16 ns/pF) CL
+/− TRIGGER → O, O
5
160
320
133 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
65
130
54 ns
+ (0,23 ns/pF) CL
15
50
100
42 ns
+ (0,16 ns/pF) CL
5
155
310
128 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
65
130
54 ns
+ (0,23 ns/pF) CL
15
50
100
42 ns
+ (0,16 ns/pF) CL
+ TRIGGER, RETRIGGER → O
5
65
130
38 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
30
60
19 ns
+ (0,23 ns/pF) CL
15
25
50
17 ns
+ (0,16 ns/pF) CL
+ TRIGGER, RETRIGGER → O
5
95
190
68 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80
29 ns
+ (0,23 ns/pF) CL
15
30
60
22 ns
+ (0,16 ns/pF) CL
MR
→ O
5
100
200
83 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
45
90
34 ns
+ (0,23 ns/pF) CL
15
35
70
27 ns
+ (0,16 ns/pF) CL
MR
→ O
5
100
200
83 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
45
90
34 ns
+ (0,23 ns/pF) CL
15
35
70
27 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
9 ns
+ (0,42 ns/pF) CL
15
20
40
6 ns
+ (0,28 ns/pF) CL
5
60
120
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
9 ns
+ (0,42 ns/pF) CL
15
20
40
6 ns
+ (0,28 ns/pF) CL


Similar Part No. - HEF4047BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
278Kb / 23P
Monostable/astable multivibrator
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
289Kb / 19P
Monostable/astable multivibrator
Rev. 2 3 September 2024
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100_V01 Datasheet
289Kb / 19P
Monostable/astable multivibrator
Rev. 2 3 September 2024
logo
NXP Semiconductors
HEF4047BT PHILIPS-HEF4047BT Datasheet
748Kb / 36P
2 x 25 W class-D power amplifier
2003 Mar 20
More results

Similar Description - HEF4047BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
Low Power Monostable/Astable Multivibrator
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
Low Power Monostable/Astable Multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B_15 Datasheet
222Kb / 21P
Monostable/astable multivibrator
Rev. 4-15 September 2014
logo
Nexperia B.V. All right...
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
278Kb / 23P
Monostable/astable multivibrator
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
Monostable/astable multivibrator
Rev. 6 - 17 March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com