Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4047BP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4047BP
Description  Monostable/astable multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4047BP Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4047BP Datasheet HTML 1Page - NXP Semiconductors HEF4047BP Datasheet HTML 2Page - NXP Semiconductors HEF4047BP Datasheet HTML 3Page - NXP Semiconductors HEF4047BP Datasheet HTML 4Page - NXP Semiconductors HEF4047BP Datasheet HTML 5Page - NXP Semiconductors HEF4047BP Datasheet HTML 6Page - NXP Semiconductors HEF4047BP Datasheet HTML 7Page - NXP Semiconductors HEF4047BP Datasheet HTML 8Page - NXP Semiconductors HEF4047BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
January 1995
5
Philips Semiconductors
Product specification
Monostable/astable multivibrator
HEF4047B
MSI
FUNCTIONAL CONNECTIONS
Notes
1. Input pulse to RESET of external counting chip; external counting chip output to pin 4.
2. In all cases, external resistor between pins 2 and 3, external capacitor between pins 1 and 3.
DC CHARACTERISTICS
VSS = 0 V; inputs at VSS or VDD
FUNCTION
PINS CONNECTED TO
OUTPUT
PULSE
FROM
PINS
OUTPUT
PERIOD
OR
PULSE WIDTH
VDD
VSS
INPUT
PULSE
astable multivibrator
free running
4, 5, 6, 14
7, 8, 9, 12
10, 11, 13
at pins 10, 11:
true gating
4, 6, 14
7, 8, 9, 12
5
10, 11, 13
tA = 4,40 RtCt
at pin 13:
tA = 2,20 RtCt
complement gating
6, 14
5, 7, 8, 9, 12
4
10, 11, 13
monostable multivibrator
pos. edge-triggering
4, 14
5, 6, 7, 9, 12
8
10, 11
neg. edge-triggering
4, 8, 14
5, 7, 9, 12
6
10, 11
at pins 10, 11:
retriggerable
4, 14
5, 6, 7, 9
8, 12
10, 11
tM = 2,48 RtCt
external count down(1)
14
5, 6, 7, 8, 9, 12
10, 11
VDD
V
SYMBOL
Tamb (°C)
−40
+ 25
+ 85
MAX.
MIN.
MAX.
MAX.
Leakage current
15
I3
0,3
0,3
1
µA
pin 3 at
VDD or VSS
pin 3; output
transistor OFF


Similar Part No. - HEF4047BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
logo
NXP Semiconductors
HEF4047BT PHILIPS-HEF4047BT Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
logo
Nexperia B.V. All right...
HEF4047BT NEXPERIA-HEF4047BT Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047BT-Q100 NEXPERIA-HEF4047BT-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
More results

Similar Description - HEF4047BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
HEF4047B-Q100 NEXPERIA-HEF4047B-Q100 Datasheet
278Kb / 23P
   Monostable/astable multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B_15 Datasheet
222Kb / 21P
   Monostable/astable multivibrator
Rev. 4-15 September 2014
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com