Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL145406 Datasheet(PDF) 9 Page - Texas Instruments

Part # TL145406
Description  TRIPLE RS-232 DRIVERS/RECEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL145406 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL145406_06 Datasheet HTML 5Page - Texas Instruments TL145406_06 Datasheet HTML 6Page - Texas Instruments TL145406_06 Datasheet HTML 7Page - Texas Instruments TL145406_06 Datasheet HTML 8Page - Texas Instruments TL145406_06 Datasheet HTML 9Page - Texas Instruments TL145406_06 Datasheet HTML 10Page - Texas Instruments TL145406_06 Datasheet HTML 11Page - Texas Instruments TL145406_06 Datasheet HTML 12Page - Texas Instruments TL145406_06 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TL145406
TRIPLE RS-232 DRIVERS/RECEIVERS
SLLS185D – DECEMBER 1994 – REVISED JULY 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
TA – Free-Air Temperature – °C
RECEIVER
INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
VIT–
VIT+
2.4
2.2
2
1.8
1.6
1.4
1.2
0.6
0.4
1
0.8
0
1020
30
4050
60
70
Figure 12
RECEIVER
INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
VIT–
VIT+
2
1.8
1.6
1.4
1.2
1
0.8
0.2
0
0.6
0.4
23
45
67
89
10
NOTE A: This
figure
shows
the
maximum
amplitude
of
a
positive-going pulse that, starting from 0, does not cause a
change of the output level.
Figure 13
RECEIVER
NOISE REJECTION
tw – Pulse Duration – ns
6
5
4
3
2
1
0
0
40
100
400
1000
4000 10000
CC = 300 pF
VCC = 5 V
TA = 25°C
See Note A
CC = 500 pF
CC = 12 pF
CC = 100 pF
Figure 14
RECEIVER
MAXIMUM SUPPLY VOLTAGE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
RL ≥ 3 kΩ (from each output to GND)
0
10
2030
4050
6070
16
14
10
8
6
0
4
2
12


Similar Part No. - TL145406_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL145406DW TI-TL145406DW Datasheet
165Kb / 10P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406DW TI1-TL145406DW Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406DWE4 TI1-TL145406DWE4 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406DWG4 TI1-TL145406DWG4 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406DWR TI1-TL145406DWR Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
More results

Similar Description - TL145406_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL145406 TI-TL145406 Datasheet
165Kb / 10P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
TL145406 TI1-TL145406_14 Datasheet
675Kb / 18P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
logo
List of Unclassifed Man...
GS75232 ETC1-GS75232 Datasheet
111Kb / 10P
   Multiple RS-232 Drivers & Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com