Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4046B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HEF4046B
Description  Phase-locked loop
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4046B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HEF4046B Datasheet HTML 5Page - NXP Semiconductors HEF4046B Datasheet HTML 6Page - NXP Semiconductors HEF4046B Datasheet HTML 7Page - NXP Semiconductors HEF4046B Datasheet HTML 8Page - NXP Semiconductors HEF4046B Datasheet HTML 9Page - NXP Semiconductors HEF4046B Datasheet HTML 10Page - NXP Semiconductors HEF4046B Datasheet HTML 11Page - NXP Semiconductors HEF4046B Datasheet HTML 12Page - NXP Semiconductors HEF4046B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
January 1995
9
Philips Semiconductors
Product specification
Phase-locked loop
HEF4046B
MSI
DESIGN INFORMATION
VCO component selection
Recommended range for R1 and R2: 10 k
Ω to 1 MΩ; for C1: 50 pF to any practical value.
1. VCO without frequency offset (R2 =
∞).
a) Given fo: use fo with Fig.7 to determine R1 and C1.
b) Given fmax: calculate fo from fo = 12 fmax; use fo with Fig.7 to determine R1 and C1.
2. VCO with frequency offset.
a) Given fo and fL : calculate fmin from the equation fmin =fo − fL; use fmin with Fig.8 to determine R2 and C1; calculate
b) Given fmin and fmax: use fmin with Fig.8 to determine R2 and C1; calculate
with Fig.9 to determine R2/R1 to obtain R1.
CHARACTERISTIC
USING PHASE COMPARATOR 1
USING PHASE COMPARATOR 2
No signal on SIGNIN
VCO in PLL system adjusts
to centre frequency (fo)
VCO in PLL system adjusts to min.
frequency (fmin)
Phase angle between
SIGNIN and COMPIN
90
° at centre frequency (fo),
approaching 0
° and 180° at
ends of lock range (2 fL)
always 0
° in lock
(positive-going edges)
Locks on harmonics of
centre frequency
yes
no
Signal input noise
rejection
high
low
Lock frequency
range (2 fL)
the frequency range of the input signal on which the loop will stay locked if it was
initially in lock; 2 fL = full VCO frequency range = fmax − fmin
Capture frequency
range (2 fC)
the frequency range of the input signal on which the loop will lock if it was initially
out of lock
depends on low-pass
filter characteristics; fC < fL
fC = fL
Centre frequency (fo)
the frequency of the VCO when VCOIN at 12VDD
f
max
f
min
-----------
from the equation
f
max
f
min
-----------
f
o
f
L
+
f
o
f
L
---------------
; use
f
max
f
min
-----------
with Fig. 9 to determine the ratio R2/R1 to obtain R1.
=
f
max
f
min
-----------
; use
f
max
f
min
-----------


Similar Part No. - HEF4046B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
418Kb / 15P
Phase-locked loop
January 1995
logo
Nexperia B.V. All right...
HEF4046B NEXPERIA-HEF4046B Datasheet
273Kb / 17P
Phase-locked loop
Rev. 7 - 6 January 2022
HEF4046B-Q100 NEXPERIA-HEF4046B-Q100 Datasheet
273Kb / 17P
Phase-locked loop
Rev. 2 3 September 2024
HEF4046BT NEXPERIA-HEF4046BT Datasheet
273Kb / 17P
Phase-locked loop
Rev. 7 - 6 January 2022
logo
NXP Semiconductors
HEF4046BT-652 NXP-HEF4046BT-652 Datasheet
418Kb / 15P
The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC
January 1995
More results

Similar Description - HEF4046B

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com