Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4046B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4046B
Description  Phase-locked loop
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4046B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4046B Datasheet HTML 1Page - NXP Semiconductors HEF4046B Datasheet HTML 2Page - NXP Semiconductors HEF4046B Datasheet HTML 3Page - NXP Semiconductors HEF4046B Datasheet HTML 4Page - NXP Semiconductors HEF4046B Datasheet HTML 5Page - NXP Semiconductors HEF4046B Datasheet HTML 6Page - NXP Semiconductors HEF4046B Datasheet HTML 7Page - NXP Semiconductors HEF4046B Datasheet HTML 8Page - NXP Semiconductors HEF4046B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
January 1995
5
Philips Semiconductors
Product specification
Phase-locked loop
HEF4046B
MSI
Phase comparator 2 is an edge-controlled digital memory
network. It consists of four flip-flops, control gating and a
3-state output circuit comprising p and n-type drivers
having a common output node. When the p-type or n-type
drivers are ON, they pull the output up to VDD or down to
VSS respectively. This type of phase comparator only acts
on the positive-going edges of the signals at SIGNIN and
COMPIN. Therefore, the duty factors of these signals are
not of importance.
If the signal input frequency is higher than the comparator
input frequency, the p-type output driver is maintained ON
most of the time, and both the n and p-type drivers are
OFF (3-state) the remainder of the time. If the signal input
frequency is lower than the comparator input frequency,
the n-type output driver is maintained ON most of the time,
and both the n and p-type drivers are OFF the remainder
of the time. If the signal input and comparator input
frequencies are equal, but the signal input lags the
comparator input in phase, the n-type output driver is
maintained ON for a time corresponding to the phase
difference. If the comparator input lags the signal input in
phase, the p-type output driver is maintained ON for a time
corresponding to the phase difference. Subsequently, the
voltage at the capacitor of the low-pass filter connected to
this phase comparator is adjusted until the signal and
comparator inputs are equal in both phase and frequency.
At this stable point, both p and n-type drivers remain OFF
and thus the phase comparator output becomes an open
circuit and keeps the voltage at the capacitor of the
low-pass filter constant.
Moreover, the signal at the phase comparator pulse output
(PCPOUT) is a HIGH level which can be used for indicating
a locked condition. Thus, for phase comparator 2 no phase
difference exists between the signal and comparator
inputs over the full VCO frequency range. Moreover, the
power dissipation due to the low-pass filter is reduced
when this type of phase comparator is used because both
p and n-type output drivers are OFF for most of the signal
input cycle. It should be noted that the PLL lock range for
this type of phase comparator is equal to the capture
range, independent of the low-pass filter. With no signal
present at the signal input, the VCO is adjusted to its
lowest frequency for phase comparator 2 . Figure 5 shows
typical waveforms for a PLL employing this type of phase
comparator in locked condition.
Fig.5 Typical waveforms for phase-locked loop employing phase comparator 2 in locked condition.


Similar Part No. - HEF4046B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
418Kb / 15P
Phase-locked loop
January 1995
logo
Nexperia B.V. All right...
HEF4046B NEXPERIA-HEF4046B Datasheet
273Kb / 17P
Phase-locked loop
Rev. 7 - 6 January 2022
HEF4046B-Q100 NEXPERIA-HEF4046B-Q100 Datasheet
273Kb / 17P
Phase-locked loop
Rev. 2 3 September 2024
HEF4046BT NEXPERIA-HEF4046BT Datasheet
273Kb / 17P
Phase-locked loop
Rev. 7 - 6 January 2022
logo
NXP Semiconductors
HEF4046BT-652 NXP-HEF4046BT-652 Datasheet
418Kb / 15P
The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC
January 1995
More results

Similar Description - HEF4046B

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com