Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS04J Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LS04J
Description  HEX INVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS04J Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LS04J Datasheet HTML 2Page - Texas Instruments SN74LS04J Datasheet HTML 3Page - Texas Instruments SN74LS04J Datasheet HTML 4Page - Texas Instruments SN74LS04J Datasheet HTML 5Page - Texas Instruments SN74LS04J Datasheet HTML 6Page - Texas Instruments SN74LS04J Datasheet HTML 7Page - Texas Instruments SN74LS04J Datasheet HTML 8Page - Texas Instruments SN74LS04J Datasheet HTML 9Page - Texas Instruments SN74LS04J Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SN5404, SN54LS04, SN54S04,
SN7404, SN74LS04, SN74S04
HEX INVERTERS
SDLS029C − DECEMBER 1983 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN5404
SN7404
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 400 Ω,
CL = 15 pF
12
22
ns
tPHL
A
Y
RL = 400 Ω,
CL = 15 pF
8
15
ns
recommended operating conditions (see Note 3)
SN54LS04
SN74LS04
SN54LS04
SN74LS04
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
−0.4
−0.4
mA
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS04
SN74LS04
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = − 18 mA
− 1.5
− 1.5
V
VOH
VCC = MIN,
VIL = MAX,
IOH = −0.4 mA
2.5
3.4
2.7
3.4
V
VOL
VCC = MIN,
VIH = 2 V
IOL = 4 mA
0.25
0.4
0.4
V
VOL
VCC = MIN,
VIH = 2 V
IOL = 8 mA
0.25
0.5
V
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
VCC = MAX,
VI = 0.4 V
− 0.4
− 0.4
mA
IOS§
VCC = MAX
−20
−100
−20
−100
mA
ICCH
VCC = MAX,
VI = 0 V
1.2
2.4
1.2
2.4
mA
ICCL
VCC = MAX,
VI = 4.5 V
3.6
6.6
3.6
6.6
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short-circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
SN54LS04
SN74LS04
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 2 kΩ,
CL = 15 pF
9
15
ns
tPHL
A
Y
RL = 2 kΩ,
CL = 15 pF
10
15
ns


Similar Part No. - SN74LS04J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS04J TI1-SN74LS04J Datasheet
1Mb / 25P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74LS04J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com