Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4028B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4028B
Description  1-of-10 decoder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4028B Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4028B Datasheet HTML 1Page - NXP Semiconductors HEF4028B Datasheet HTML 2Page - NXP Semiconductors HEF4028B Datasheet HTML 3Page - NXP Semiconductors HEF4028B Datasheet HTML 4Page - NXP Semiconductors HEF4028B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
January 1995
5
Philips Semiconductors
Product specification
1-of-10 decoder
HEF4028B
MSI
AC CHARACTERISTICS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
An → On
5
tPHL
100
200
ns
73 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
40
80
ns
29 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
5
tPLH
90
180
ns
63 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
40
80
ns
29 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
Output transition times
5
tTHL
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
350 fi +∑ (foCL) × VDD 2
where
dissipation per
10
2 200 fi +∑ (foCL) × VDD 2
fi = input freq. (MHz)
package (P)
15
7 350 fi +∑ (foCL) × VDD 2
fo = output freq. (MHz)
CL = total load cap. (pF)
∑ (foCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4028B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
HEF4028BT NEXPERIA-HEF4028BT Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
More results

Similar Description - HEF4028B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
93L01 NSC-93L01 Datasheet
79Kb / 3P
   1 - OF - 10 DECODER
logo
NXP Semiconductors
74F537 PHILIPS-74F537 Datasheet
52Kb / 5P
   1-of-10 decoder 3-State
1989 Jan 20
logo
List of Unclassifed Man...
74141 ETC1-74141 Datasheet
88Kb / 2P
   1-OF-10 DECODER/DRIVER (NIXIE)
logo
NXP Semiconductors
74HC42 PHILIPS-74HC42 Datasheet
41Kb / 6P
   BCD to decimal decoder 1-of-10
December 1990
logo
Nexperia B.V. All right...
74HC42 NEXPERIA-74HC42 Datasheet
979Kb / 12P
   BCD to decimal decoder (1-of-10)
Rev. 3 - 27 September 2016
logo
NXP Semiconductors
74HC_HCT42_CNV PHILIPS-74HC_HCT42_CNV_15 Datasheet
46Kb / 6P
   BCD to decimal decoder (1-of-10)
December 1990
logo
ON Semiconductor
SN74LS145 ONSEMI-SN74LS145 Datasheet
104Kb / 8P
   1-of-10 Decoder / Drvier Open-Collector
December, 1999 ??Rev. 6
logo
Motorola, Inc
SN54LS145 MOTOROLA-SN54LS145 Datasheet
157Kb / 5P
   1-OF-10 DECODER/DRIVER OPEN-COLLECTOR
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
   1-of-8 Decoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com