Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1009IPW Datasheet(PDF) 14 Page - Texas Instruments

Part # LT1009IPW
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1009IPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button LT1009IPW Datasheet HTML 9Page - Texas Instruments LT1009IPW Datasheet HTML 10Page - Texas Instruments LT1009IPW Datasheet HTML 11Page - Texas Instruments LT1009IPW Datasheet HTML 12Page - Texas Instruments LT1009IPW Datasheet HTML 13Page - Texas Instruments LT1009IPW Datasheet HTML 14Page - Texas Instruments LT1009IPW Datasheet HTML 15Page - Texas Instruments LT1009IPW Datasheet HTML 16Page - Texas Instruments LT1009IPW Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-2 /C 10/01
STRAIGHT LEAD OPTION
0.016 (0,41)
0.014 (0,35)
0.157 (4,00) MAX
FORMED LEAD OPTION
0.104 (2,65)
0.210 (5,34)
0.170 (4,32)
0.050 (1,27)
0.016 (0,41)
0.022 (0,56)
0.500 (12,70) MIN
Seating
Plane
0.175 (4,44)
0.205 (5,21)
0.165 (4,19)
0.125 (3,17)
DIA
D
C
0.105 (2,67)
0.095 (2,41)
0.135 (3,43) MIN
0.080 (2,03)
0.055 (1,40)
0.045 (1,14)
1
0.105 (2,67)
23
0.080 (2,03)
0.105 (2,67)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Lead dimensions are not controlled within this area
D. FAlls within JEDEC TO -226 Variation AA (TO-226 replaces TO-92)
E. Shipping Method:
Straight lead option available in bulk pack only.
Formed lead option available in tape & reel or ammo pack.


Similar Part No. - LT1009IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009IPWR TI1-LT1009IPWR Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009IPWRG4 TI1-LT1009IPWRG4 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
More results

Similar Description - LT1009IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
2.5-V INTEGRATED REFERENCE CIRCUITS
LM236 TI-LM236 Datasheet
95Kb / 10P
2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
2.5-V INTEGRATED REFERENCE CIRCUITS
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
2.5 V Precision Reference / Amplifier
logo
NTE Electronics
NTE998 NTE-NTE998 Datasheet
19Kb / 2P
Integrated Circuit 1.22V Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com