Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1009IPW Datasheet(PDF) 4 Page - Texas Instruments

Part # LT1009IPW
Description  2.5-V INTEGRATED REFERENCE CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1009IPW Datasheet(HTML) 4 Page - Texas Instruments

  LT1009IPW Datasheet HTML 1Page - Texas Instruments LT1009IPW Datasheet HTML 2Page - Texas Instruments LT1009IPW Datasheet HTML 3Page - Texas Instruments LT1009IPW Datasheet HTML 4Page - Texas Instruments LT1009IPW Datasheet HTML 5Page - Texas Instruments LT1009IPW Datasheet HTML 6Page - Texas Instruments LT1009IPW Datasheet HTML 7Page - Texas Instruments LT1009IPW Datasheet HTML 8Page - Texas Instruments LT1009IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.5
2.49
2.48
2.47
−50
−25
0
25
50
75
2.51
2.52
2.53
100
125
TA − Free-Air Temperature − °C
Iz = 1 mA
3
2
1
0
0
4
8
12
16
20
4
5
IZ − Reference Current − mA
0.6
0.4
0.2
0
0.001
0.01
0.1
1
10
0.8
1
IF − Forward Current − mA
1.2
TJ = 25°C
0.6
1
1.4
1.8
2.2
2.6
VR − Reverse Voltage − V
10−1
TJ = 25°C
TJ = −55°C
TJ = 125°C
10−2
10−3
10−4
10−5
LT1009
2.5-V INTEGRATED REFERENCE CIRCUIT
SLVS013L – MAY 1987 – REVISED SEPTEMBER 2005
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of
the various devices.
REFERENCE VOLTAGE
CHANGE IN REFERENCE VOLTAGE
vs
vs
FREE-AIR TEMPERATURE
REFERENCE CURRENT
Figure 1.
Figure 2.
REVERSE CURRENT
FORWARD VOLTAGE
vs
vs
REVERSE VOLTAGE
FORWARD CURRENT
Figure 3.
Figure 4.
4


Similar Part No. - LT1009IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009IPWR TI1-LT1009IPWR Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009IPWRG4 TI1-LT1009IPWRG4 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
More results

Similar Description - LT1009IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236 TI-LM236 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
logo
NEC
UPC1060 NEC-UPC1060 Datasheet
53Kb / 8P
   2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
NTE Electronics
NTE998 NTE-NTE998 Datasheet
19Kb / 2P
   Integrated Circuit 1.22V Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com