Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEP13N10 Datasheet(PDF) 4 Page - Chino-Excel Technology

Part # CEP13N10
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEP13N10 Datasheet(HTML) 4 Page - Chino-Excel Technology

  CEP13N10 Datasheet HTML 1Page - Chino-Excel Technology CEP13N10 Datasheet HTML 2Page - Chino-Excel Technology CEP13N10 Datasheet HTML 3Page - Chino-Excel Technology CEP13N10 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (msec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
-2
PDM
t1
t2
1. RθJC (t)=r (t) * RθJC
2. RθJC=See Datasheet
3. TJM-TC = P* RθJC (t)
4. Duty Cycle, D=t1/t2
10
0
Single Pulse
0.01
10
-1
10
-2
10
3
10
4
10
2
10
1
10
0
10
-1
0.02
0.05
0.1
0.2
D=0.5
10
8
6
4
2
0
0
2
4
6
12
V
DS=80V
I
D=12.8A
8
10
4
CEP13N10/CEB13N10
10
-1
10
1
10
0
10
2
10
2
10
1
10
0
10
-1
Single Pulse
T
C=25 C
T
J=175 C
R
DS(ON)Limit
10ms
DC
100
µs
1ms


Similar Part No. - CEP13N10

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEP13N10 CET-MOS-CEP13N10 Datasheet
586Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2008.Jan.
logo
Chino-Excel Technology
CEP13N10L CET-CEP13N10L Datasheet
663Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEP13N10L CET-MOS-CEP13N10L Datasheet
589Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2010.June.
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10_08 Datasheet
354Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CEP13N10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com