Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF20N50 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDPF20N50
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF20N50 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDPF20N50 Datasheet HTML 1Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 2Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 3Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 4Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 5Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 6Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 7Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 8Page - Fairchild Semiconductor FDPF20N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
FDP20N50 / FDPF20N50 Rev. B
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
24
68
10
12
10
0
10
1
10
2
150
oC
25
oC
-55
oC
* Notes :
1. V
DS
= 40V
2. 250µs Pulse Test
V
GS
, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom :
5.5 V
* Notes :
1. 250µs Pulse Test
2. T
C
= 25
o
C
V
DS
, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
0
10
1
150
o
C
*Notes :
1. V
GS
= 0V
2. 250µs Pulse Test
25
o
C
V
SD
, Source-Drain voltage [V]
0
1530
45
607590
0.0
0.2
0.4
0.6
0.8
V
GS
= 20V
V
GS
= 10V
* Note : T
J
= 25
o
C
I
D
, Drain Current [A]
0
10
2030
4050
0
2
4
6
8
10
12
V
DS
= 250V
V
DS
= 100V
V
DS
= 400V
* Note : I
D
= 20A
Q
G
, Total Gate Charge [nC]
10
-1
10
0
10
1
0
1000
2000
3000
4000
5000
6000
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
* Note :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]


Similar Part No. - FDPF20N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDPF20N50 ISC-FDPF20N50 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
   N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
logo
Inchange Semiconductor ...
FDPF20N50FT ISC-FDPF20N50FT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF20N50T FAIRCHILD-FDPF20N50T Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FDPF20N50T FAIRCHILD-FDPF20N50T Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results

Similar Description - FDPF20N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com