Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA296A Datasheet(PDF) 17 Page - Texas Instruments

Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA296A_V04 Datasheet HTML 13Page - Texas Instruments INA296A_V04 Datasheet HTML 14Page - Texas Instruments INA296A_V04 Datasheet HTML 15Page - Texas Instruments INA296A_V04 Datasheet HTML 16Page - Texas Instruments INA296A_V04 Datasheet HTML 17Page - Texas Instruments INA296A_V04 Datasheet HTML 18Page - Texas Instruments INA296A_V04 Datasheet HTML 19Page - Texas Instruments INA296A_V04 Datasheet HTML 20Page - Texas Instruments INA296A_V04 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
8.3.1.4 Wide Fixed Gain Output
The INA296x maximum gain error is ±0.01% at room temperature, with a maximum drift of ±1 ppm/°C over the
full temperature range of –40°C to +125°C. The INA296x is available in multiple gain options of 10 V/V, 20 V/V,
50 V/V, 100 V/V, and 200 V/V, which the system designer should select based on their desired signal-to-noise
ratio and other system requirements, such as the dynamic current range and full-scale output voltage target.
8.3.1.5 Wide Supply Range
The INA296x operates with a wide supply range from 2.7 V to 20 V. While the input common-mode voltage
range of the INA296x is independent of the supply voltage, the output voltage is bound by the supply voltage
applied to the device. The output voltage can range from as low as 20 mV to as high as 200 mV below the
supply voltage.
8.4 Device Functional Modes
8.4.1 Adjusting the Output With the Reference Pins
Figure 8-1 shows a test circuit for reference-divider accuracy. The INA296x output is configurable to allow for
unidirectional or bidirectional operation.
+
±
REF2
REF1
VS
GND
OUT
VS
IN+
IN±
Figure 8-1. Test Circuit For Reference Divider Accuracy
The output voltage is set by applying a voltage or voltages to the reference voltage inputs, REF1 and REF2. The
reference inputs are connected to an internal gain network. There is no operational difference between the two
reference pins. The resistor network connected to the two reference pins are designed with ultra-precision and
matching. Output is set accurately at the mid-point voltage between the voltages applied to reference voltage
inputs, when current-sense input voltage is 0 V as shown in Equation 1 . In most bidirectional applications, one
reference input is connected to the positive supply and the other reference input is connected to the negative
supply (GND pin) to set the output voltage to mid-supply.
VOUT=G× VIN+− VIN− +VREF1+ VREF2
2
(1)
8.4.2 Reference Pin Connections for Unidirectional Current Measurements
Unidirectional operation allows current measurements through a resistive shunt in one direction. For
unidirectional operation, connect the device reference pins together and then to the negative rail (see the
Ground Referenced Output section) or the positive rail (see the VS Referenced Output section). The required
differential input polarity depends on the reference input setting. The amplifier output moves away from the
referenced rail proportional to the current passing through the external shunt resistor. If the amplifier reference
pins are connected to the positive rail, then the input polarity must be negative to move the amplifier output down
(towards ground). If the amplifier reference pins are connected to ground, then the input polarity must be positive
to move the amplifier output up (towards supply).
The following sections describe how to configure the output for unidirectional operation cases.
www.ti.com
INA296A, INA296B
SBOSA04C – MARCH 2022 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA296A INA296B


Similar Part No. - INA296A_V04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A TI1-INA296A_V05 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
OCTOBER 2023
More results

Similar Description - INA296A_V04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA296A TI-INA296A Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A-Q1 TI-INA296A-Q1 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V01 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V02 Datasheet
2Mb / 38P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A-Q1 TI-INA296A-Q1_V03 Datasheet
2Mb / 39P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com