Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR2406-DEV-BOARD Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR2406-DEV-BOARD
Description  Low-IF 2.4-GHz ISM Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-BOARD Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR2406-DEV-BOARD Datasheet HTML 2Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 3Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 4Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 5Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 9Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
4779L–ISM–09/06
ATR2406
6.
Electrical Characteristics
V
S = 3.6V with AUX regulator, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
1
Supply
1.1
Supply voltage
With AUX regulator
V
S
3.2
3.6
4.6
V
1.2
Supply voltage
Without AUX regulator
VS
2.9
3.0
3.6
V
1.3
RX supply current
CW mode (peak current)
I
S
57
mA
Burst mode at 10 Kbits/s(4)
I
S
625
µA
1.4
TX supply current
CW mode (peak current)
IS
42
mA
Burst mode at 10 Kbits/s(4)
I
S
500
µA
1.5
Battery lifetime of a remote
control application using an
AVR®
See Section 10. ”Appendix:
Current Calculations for a Remote
Control” on page 20
1.6
Supply current in power-down
mode
With AUX regulator
PU_TRX = 0; PU_REG = 0
I
S
< 1
µA
1.7
Supply current in power-down
mode
Without AUX regulator
PU_TRX = 0; PU_REG = 0
IS
< 1
µA
2
Voltage Regulator
2.1
AUX regulator
VREG
3.0
V
2.2
VCO regulator
VREG_VCO
2.7
V
3
Transmitter Part
3.1
TX data rate
72/144/288/576/1152
kBits/s
3.2
Output power
PTX
4
dBm
3.3
TX data filter clock
9 taps in filter
fTXFCLK
10.368/13.824
MHz
3.4
Frequency deviation
To be tuned by GFCS bits
GF
FM_nom
±400
kHz
3.5
Frequency deviation scaling(3)
GFFM = GFFM_nom × GFCS
(Refer to bus protocol D9 to D11)
GFCS
60
130
%
3.6
Frequency drift
With standard loop filter and slot
length of 1400 µs (Refer to the
application note “ATR2406 Loop
Filter and Data Rates”)
∆fo (drift)
±40
kHz
3.7
Harmonics
BW = 100 kHz(1)
–41.2
dBm
3.8
Spurious emissions
30 – 1000 MHz
1 – 12.75 GHz
1.8 – 1.9 GHz
5.15 – 5.3 GHz
BW = 100 kHz(1)
–57
–57
–57
–57
dBm
dBm
dBm
dBm
4
Ramp Generator, Pin 21
4.1
Minimum output voltage
TX_ON = low
Vmin
0.7
V
4.2
Maximum output voltage
Refer to bus protocol D12 to D13
V
max
1.1
1.9
V
4.3
Rise time
tr
5µs
4.4
Fall time
tf
5µs
Notes:
1. Measured and guaranteed only on the Atmel® evaluation board, including microstrip filter, balun, and Smart Radio Fre-
quency (Smart RF) firmware. Conducted measured.
2. Timing is determined by external loop filter characteristics. Faster timing can be achieved by modification of the loop filter.
For further information refer to the application notes.
3. The Gaussian filter control setting (GFCS) is used to compensate production tolerances by tuning the modulation deviation
in production to the nominal value of 400 kHz.
4. Burst mode with 0.9% duty cycle


Similar Part No. - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
More results

Similar Description - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806 Datasheet
172Kb / 3P
   LOW IF WDCT 2.4 GHz TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806_05 Datasheet
182Kb / 3P
   Low IF WDCT 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com