Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR2406-DEV-BOARD Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR2406-DEV-BOARD
Description  Low-IF 2.4-GHz ISM Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-BOARD Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR2406-DEV-BOARD Datasheet HTML 1Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 2Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 3Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 4Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 5Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
4779L–ISM–09/06
ATR2406
3.
Functional Description
3.1
Receiver
The RF signal at RF_IN is differentially fed through the LNA to the image rejection mixer
IR_MIXER, driving the integrated low-IF band-pass filter. The IF frequency is 864 kHz. The
limiting IF_AMP with an integrated RSSI function feeds the signal to the digital demodulator
DEMOD. No tuning is required. Data slicing is handled internally.
3.2
Clock Recovery
For a 1152-kBit/s data rate, the receiver has a clock recovery function on-chip.
The receiver includes a clock recovery circuit which regenerates the clock out of the received
data. The advantage is that this recovered clock is synchronous to the clock of the transmitting
device (and thus to the transmitted data), which significantly reduces the load of the process-
ing microcontroller.
The falling edge of the clock is the optimal sampling position for the RX_Data signal, so at this
event the data must be sampled by the microcontroller. The recovered clock is available at
pin 6.
3.3
Transmitter
The transmit data at TX_DATA is filtered by an integrated Gaussian filter (GF) and fed to the
fully integrated VCO operating at twice the output frequency. After modulation, the signal is
frequency divided by 2 and fed to the internal preamplifier PA. This preamplifier supplies typi-
cally +4 dBm output power at TX_OUT.
A ramp-signal generator RAMP_GEN, providing a ramp signal at RAMP_OUT for the external
power amplifier, is integrated. The slope of the ramp signal is controlled internally so that spu-
rious requirements are fulfilled.
3.4
Synthesizer
The IR_MIXER, the PA, and the programmable counter (PC) are driven by the fully integrated
VCO, using on-chip inductors and varactors. The output signal is frequency divided to supply
the desired frequency to the TX_DRIVER, the 0/90 degree phase shifter for the IR_MIXER,
and to be used by the PC for the phase detector (PD) (f
PD = 1.728 MHz). Open loop modula-
tion is supported.
3.5
Power Supply
An integrated band-gap–stabilized voltage regulator for use with an external low-cost PNP
transistor is implemented. Multiple power-down and current saving modes are provided.


Similar Part No. - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
More results

Similar Description - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806 Datasheet
172Kb / 3P
   LOW IF WDCT 2.4 GHz TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806_05 Datasheet
182Kb / 3P
   Low IF WDCT 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com