Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR2406-DEV-BOARD Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR2406-DEV-BOARD
Description  Low-IF 2.4-GHz ISM Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406-DEV-BOARD Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR2406-DEV-BOARD Datasheet HTML 1Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 2Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 3Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 4Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 5Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 6Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 7Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 8Page - ATMEL Corporation ATR2406-DEV-BOARD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
4779L–ISM–09/06
ATR2406
Figure 1-1.
Block Diagram
2.
Pin Configuration
Figure 2-1.
Pinning QFN32 - 5
× 5
LNA
IR-Mixer
VCO
REG
REG_DEC
RAMP_OUT
TX_OUT
RX_IN
VREG_VCO
REG_CTRL VS_REG
VS_SYN
VREG
IREF
CP
REF_CLK TX_DATA
VTUNE
AUX
REG
AUX
REG
TEST2
PU_REG
PU_TRX
RX_ON
TX_ON
nOLE
CLOCK
DATA
ENABLE
LIMITER
RSSI
DEMOD
BP
RAMP
GEN
PLL
GAUSSIAN
FILTER
PA
CTRL
LOGIC
BUS
VCO
VS_IFD
RX_DATA
RSSI
VS_IFA
VS_RX/TX
TEST1
Divider
by 2
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
ATR2406
PU_REG
REF_CLK
RSSI
VS_IFD
VS_IFA
RX-CLOCK
IC
IREF
RX_ON
RAMP_OUT
TX_OUT
RX_IN1
RX_IN2
VS_TRX
IC
IC


Similar Part No. - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
More results

Similar Description - ATR2406-DEV-BOARD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806 Datasheet
172Kb / 3P
   LOW IF WDCT 2.4 GHz TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806_05 Datasheet
182Kb / 3P
   Low IF WDCT 2.4 GHz Transceiver
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com